Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1022 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1022
Description  High Speed, Precision JFET Input Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1022 Datasheet(HTML) 3 Page - Linear Technology

  LT1022_15 Datasheet HTML 1Page - Linear Technology LT1022_15 Datasheet HTML 2Page - Linear Technology LT1022_15 Datasheet HTML 3Page - Linear Technology LT1022_15 Datasheet HTML 4Page - Linear Technology LT1022_15 Datasheet HTML 5Page - Linear Technology LT1022_15 Datasheet HTML 6Page - Linear Technology LT1022_15 Datasheet HTML 7Page - Linear Technology LT1022_15 Datasheet HTML 8Page - Linear Technology LT1022_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1022
1022fa
ELECTRICAL CHARACTERISTICS
The denotes the specifications which apply over the full operating temperature range of VCM = 0V, 0°C ≤ TA ≤ 70°C. VS = ± 15V,
unless otherwise noted.
LT1022CH
LT1022AC
LT1022CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
H Package
140
480
180
1000
µV
(Note 2)
N8 Package
300
1700
µV
Average Temperature
H Package
1.3
5.0
1.8
9.0
µV/°C
Coefficient of Input Offset Voltage
N8 Package (Note 6)
3.0
15.0
µV/°C
IOS
Input Offset Current
Warmed Up, TA = 70°C
15
80
18
100
pA
IB
Input Bias Current
Warmed Up, TA = 70°C
±50
±200
±60
±250
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
80
250
60
250
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.4V
85
93
80
91
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
86
103
84
101
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±13.1
±12
±13.1
V
LT1022AM
LT1022M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
230
750
300
1500
µV
Average Temperature
(Note 6)
1.5
5.0
2.0
9.0
µV/°C
Coefficient of Input Offset Voltage
IOS
Input Offset Current
Warmed Up, TA = 125°C
0.3
2.0
0.30
3.0
nA
IB
Input Bias Current
Warmed Up, TA = 125°C
± 0.5
± 4.0
± 0.7
± 6.0
nA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
40
120
35
120
V/mV
CMRR
Common-Mode Rejection Ratio
VCM = ±10.4V
85
92
80
90
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
86
102
84
100
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±12.9
±12
±12.9
V
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Offset voltage is measured under two different conditions:
(a) approximately 0.5 seconds after application of power;
(b) at TA = 25°C, with the chip self-heated to approximately 45°C
to account for chip temperature rise when the device is fully warmed up.
Note 3: 10Hz noise voltage density is sample tested on every lot of A
grades. Devices 100% tested at 10Hz are available on request.
Note 4: This parameter is tested on a sample basis only.
Note 5: Current noise is calculated from the formula: in = (2qIB)1/2, where
q = 1.6 • 10 –19 coulomb. The noise of source resistors up to 1GΩ swamps
the contribution of current noise.
Note 6: Offset voltage drift with temperature is practically unchanged when
the offset voltage is trimmed to zero with a 100k potentiometer between
the balance terminals and the wiper tied to V +. Devices tested to tighter
drift specifications are available on request.
The denotes the specifications which apply over the full operating temperature range of – 55°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V,
unless otherwise noted.
LT1022AM
LT1022M, LT1022CH
LT1022AC
LT1022CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GBW
Gain-Bandwidth Product
f = 1MHz
8.5
8.0
MHz
IS
Supply Current
5.2
7.0
5.2
7.0
mA
Settling Time
A = +1 or A = –1
10V Step to 0.05%
0.9
0.9
µs
10V Step to 0.02%
1.3
1.3
µs
Offset Voltage Adjustment Range
RPOT = 100k
±7
±7mV
VS = ± 15V, TA = 25°C, VCM = 0V unless otherwise noted.


Similar Part No. - LT1022_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
More results

Similar Description - LT1022_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056 LINER-RH1056_15 Datasheet
115Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com