Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPD4714A Datasheet(PDF) 4 Page - NEC

Part No. UPD4714A
Description  RS-232 LINE DRIVER/RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD4714A Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
µPD4714A
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
–0.5 to +6.0
V
Driver input voltage
DIN
–0.5 to VCC +0.5
V
Receiver input voltage
RIN
–30.0 to +30.0
V
Driver output voltage
DOUT
–25.0 to +25.0 Note1
V
Receiver output voltage
ROUT
–0.5 to VCC + 0.5
V
Receiver input current
IIN
±60.0
mA
Operating temperature range
TA
–40 to +85
˚ C
Storage temperature range
Tstg
–55 to +150
˚ C
Power dissipation
PT
0.5
W
Note 1. Pulse width: 1 ms, duty factor: 10 % MAX.
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Receiver input voltage
RIN
–25
+25
V
Operating temperature range
TA
–20
80
˚ C
External capacitance
Note 2
4.7
47
µF
Note 2.
The capacitance of an electrolytic capacitor decreases at a low temperature (0 ˚C or lower). Determine
the capacitance of the capacitor to be used taking this into consideration when the
µPD4714A is used at
a low temperature. Keep the wiring length between the capacitor and IC as short as possible.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn