Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAW1027 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # PAW1027
Description  RF Linear Hybrid Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PAW1027 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  PAW1027_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
RF Linear Hybrid Amplifier
35 to 350 MHz
Rev. V3
PAW1027
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• ULTRA HIGH LINEARITY
• HIGH GAIN: 38.5 dB (TYP.)
• LOW NOISE FIGURE 3.7 dB (TYP.)
• OPERATION OVER A WIDE VOLTAGE RANGE
Description
The PAW1027 linear power amplifier is a discrete hybrid
design, which uses thick film solder manufacturing
processes for accurate performance and high reliability.
The design has 2 gain stages, using a push pull cascode circuit
configuration. Performance is very linear over a broadband
frequency range, making it particularly suited for CATV, and
commercial & military radio applications.
Product Image
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-40ºC to +85ºC
Operation Base Temperature
+70ºC
RF Input Voltage
+14 dBm
DC Voltage
+28 volts
Outline Drawing: SOT115J
*
M/A-COM
Pin #
1……….…….Input
2,3,5,6……Ground
4………….……+V
7……….…..Output
Dimensions are inches ±0.015 unless otherwise specified.
Ø .179+.031
1.760
.555
1.5+.01
.158
.315
.170
MODEL NO.
DATE CODE
IF NEEDED, DETERMINED AT TEST / TUNE
1.00
1.05
.
165
.
500
.300
.100 TYP
EXCEPT AS SHOWN
1 2 3 4 5 6 7
.018+.002
.100+.02
.100+.005
.500
+.010
.800+.010
Ordering Information
Part Number
Package
PAW1027
SOT115J
Electrical Specifications: Z0 = 50Ω, VCC = +24 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0
oC to +70oC
Frequency
MHz
35-350
35-350
Power Gain (Min/Max)
dB
38.5
37.0 / 40.0
Gain Flatness (max)
f = 40 to 350 MHz
dB
0.4
0.6
Input / Output Return Loss (min)
f = 50 to 350 MHz
dB
18.0
14.0
Composite Triple Beat (CTB)
60 channels flat Vout = +46 dBmV
dB
-59.0
Cross Modulation (XMOD)
60 channels flat Vout = +46 dBmV
dB
-59.0
Second Order IMD
2 tone Vout = +46 dBmV
f1 = 50 MHz, f2 = 350 MHz
dB
-64.0
Noise Figure (max)
f = 350 MHz
dB
3.7
5.0
Total Current (max)
mA
300
340


Similar Part No. - PAW1027_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PAW1027-1 MACOM-PAW1027-1 Datasheet
134Kb / 1P
   RF Linear Hybrid Amplifier 35 to 500 MHz
logo
M/A-COM Technology Solu...
PAW1027-1 MA-COM-PAW1027-1 Datasheet
64Kb / 1P
   RF Linear Hybrid Amplifier 35 to 500 MHz
PAW1027-1 MA-COM-PAW1027-1 Datasheet
64Kb / 1P
   RF Linear Hybrid Amplifier
PAW1027-1 MA-COM-PAW1027-1_15 Datasheet
457Kb / 2P
   RF Linear Hybrid Amplifier
More results

Similar Description - PAW1027_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PAW1027 MA-COM-PAW1027 Datasheet
66Kb / 1P
   RF Linear Hybrid Amplifier
PAW1027-1 MA-COM-PAW1027-1_15 Datasheet
457Kb / 2P
   RF Linear Hybrid Amplifier
PAW1027-1 MA-COM-PAW1027-1 Datasheet
64Kb / 1P
   RF Linear Hybrid Amplifier
logo
Tyco Electronics
PAW1027-1 MACOM-PAW1027-1 Datasheet
134Kb / 1P
   RF Linear Hybrid Amplifier 35 to 500 MHz
logo
M/A-COM Technology Solu...
PAW1027 MA-COM-PAW1027 Datasheet
66Kb / 1P
   RF Linear Hybrid Amplifier 35 to 350 MHz
PAW1027-1 MA-COM-PAW1027-1 Datasheet
64Kb / 1P
   RF Linear Hybrid Amplifier 35 to 500 MHz
logo
Advanced Semiconductor
MWA130 ASI-MWA130 Datasheet
28Kb / 1P
   RF HYBRID AMPLIFIER
logo
Communications & Power ...
4CW10-000B CPI-4CW10-000B Datasheet
92Kb / 1P
   RF linear amplifier
4CX600JB CPI-4CX600JB Datasheet
95Kb / 1P
   RF linear amplifier
8930 CPI-8930 Datasheet
94Kb / 1P
   RF Linear Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com