Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2704GR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PA2704GR
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA2704GR Datasheet(HTML) 3 Page - Renesas Technology Corp

  PA2704GR_15 Datasheet HTML 1Page - Renesas Technology Corp PA2704GR_15 Datasheet HTML 2Page - Renesas Technology Corp PA2704GR_15 Datasheet HTML 3Page - Renesas Technology Corp PA2704GR_15 Datasheet HTML 4Page - Renesas Technology Corp PA2704GR_15 Datasheet HTML 5Page - Renesas Technology Corp PA2704GR_15 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information contained in this document is being issued in advance of the production cycle for the
device. The parameters for the device may change before final production or NEC Corporation, at its own
discretion, may withdraw the device prior to its production.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2002
MOS FIELD EFFECT TRANSISTOR
µµµµPA2704GR
SWITCHING
N-CHANNEL POWER MOS FET
PRELIMINARY PRODUCT INFORMATION
Document No. G16304EJ1V0PM00 (1st edition)
Date Published July 2002 NS CP(K)
Printed in Japan
DESCRIPTION
The
µPA2704GR is N-Channel MOS Field Effect Transistor
designed for DC/DC converters and power management
applications of notebook computers.
FEATURES
• Low on-state resistance
RDS(on)1 = 7.2 m
Ω MAX. (VGS = 10 V, ID = 7.0 A)
RDS(on)2 = 11.2 m
Ω MAX. (VGS = 4.5 V, ID = 7.0 A)
• Low Ciss: Ciss = 1200 pF TYP. (VDS = 10 V, VGS = 0 V)
• Small and surface mount package (Power SOP8)
ORDERING INFORMATION
PART NUMBER
PACKAGE
µPA2704GR
Power SOP8
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, All terminals are connected.)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±14
A
Drain Current (pulse)
Note1
ID(pulse)
±56
A
Total Power Dissipation (TA = 25°C)
Note2
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note3
IAS
14
A
Single Avalanche Energy
Note3
EAS
19.6
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Mounted on ceramic substrate of 1200 mm
2 x 2.2 mm
3. Starting Tch = 25°C, VDD = 15 V, RG = 25
Ω, L = 100
µH, VGS = 20 → 0 V
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is extemally required if a voltage exceeding
the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit: mm)
1.27
0.12 M
6.0 ±0.3
4.4
0.40
+0.10
–0.05
0.78 MAX.
0.8
0.5 ±0.2
5.37 MAX.
0.10
14
85
1, 2, 3
; Source
4
; Gate
5, 6, 7, 8 ; Drain
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Similar Part No. - PA2704GR_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA2703GR RENESAS-PA2703GR_15 Datasheet
169Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET
PA2705GR RENESAS-PA2705GR_15 Datasheet
170Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET
PA2706GR RENESAS-PA2706GR_15 Datasheet
213Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - PA2704GR_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com