Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1857 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PA1857
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1857 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PA1857_15 Datasheet HTML 1Page - Renesas Technology Corp PA1857_15 Datasheet HTML 2Page - Renesas Technology Corp PA1857_15 Datasheet HTML 3Page - Renesas Technology Corp PA1857_15 Datasheet HTML 4Page - Renesas Technology Corp PA1857_15 Datasheet HTML 5Page - Renesas Technology Corp PA1857_15 Datasheet HTML 6Page - Renesas Technology Corp PA1857_15 Datasheet HTML 7Page - Renesas Technology Corp PA1857_15 Datasheet HTML 8Page - Renesas Technology Corp PA1857_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001
MOS FIELD EFFECT TRANSISTOR
µµµµPA1857
N-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
G15060EJ2V0DS00 (2nd edition)
Date Published
April 2001 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µPA1857 features a low on-state resistance and
excellent switching characteristics, and is suitable for
applications such as power switch of portable machine
and so on.
FEATURES
• Low on-state resistance
RDS(on)1 = 67.0 m
Ω MAX. (VGS = 10 V, ID = 2.0 A)
RDS(on)2 = 86.0 m
Ω MAX. (VGS = 4.5 V, ID = 2.0 A)
RDS(on)3 = 95.0 m
Ω MAX. (VGS = 4.0 V, ID = 2.0 A)
• Low Ciss Ciss = 580 pF TYP.
• Built-in G-S protection diode against ESD
ORDERING INFORMATION
PART NUMBER
PACKAGE
µ PA1857GR-9JG
Power TSSOP8
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TA = 25°C)
ID(DC)
±3.8
A
Drain Current (pulse)
Note1
ID(pulse)
±15.2
A
Total Power Dissipation(1unit)
Note2
PT1
1.0
W
Total Power Dissipation(2unit)
Note2
PT2
1.7
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note3
IAS
3.8
A
Single Avalanche Energy
Note3
EAS
33
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. TA = 25°C Mounted on ceramic substrate of 50 cm
2 x 1.1 mm
3. Starting Tch = 25°C, VDD = 30 V, RG = 25
, VGS = 20 → 0 V
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit: mm)
14
85
6.4 ±0.2
4.4 ±0.1
1.0 ±0.2
0.1
0.8 MAX.
3.15 ±0.15
3.0 ±0.1
0.65
0.10 M
0.27
+0.03
–0.08
0.25
0.5
3
°+5°
–3
°
0.6
+0.15
–0.1
1.2 MAX.
0.1±0.05
1.0±0.05
1
:Drain1
2, 3 :Source1
4
:Gate1
5
:Gate2
6, 7 :Source2
8
:Drain2
EQUIVALENT CIRCUIT
Source2
Body
Diode
Gate
Protection
Diode
Gate2
Drain2
Source1
Body
Diode
Gate
Protection
Diode
Gate1
Drain1


Similar Part No. - PA1857_15

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA185 OKAYA-PA185 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA185-L OKAYA-PA185-L Datasheet
383Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
Renesas Technology Corp
PA1855 RENESAS-PA1855_15 Datasheet
199Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1857_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com