Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1857 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PA1857
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1857 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PA1857_15 Datasheet HTML 2Page - Renesas Technology Corp PA1857_15 Datasheet HTML 3Page - Renesas Technology Corp PA1857_15 Datasheet HTML 4Page - Renesas Technology Corp PA1857_15 Datasheet HTML 5Page - Renesas Technology Corp PA1857_15 Datasheet HTML 6Page - Renesas Technology Corp PA1857_15 Datasheet HTML 7Page - Renesas Technology Corp PA1857_15 Datasheet HTML 8Page - Renesas Technology Corp PA1857_15 Datasheet HTML 9Page - Renesas Technology Corp PA1857_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet G15060EJ2V0DS
5
µµµµPA1857
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1000
10000
1
10
100
f = 1 MHz
Ciss
Crss
Coss
0.1
1
10
ID - Drain Current - A
10
100
1
SWITCHING CHARACTERISTICS
VDD = 30 V
VGS(on) = 10 V
RG = 6
td(off)
td(on)
tf
tr
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Body Diode Forward Voltage - V
VGS = 0 V
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Drain Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1.0
10
100
100
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
0
2468
10
12
2
4
6
8
10
12
VDD = 48 V
30 V
12 V
ID = 3.8 A


Similar Part No. - PA1857_15

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA185 OKAYA-PA185 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA185-L OKAYA-PA185-L Datasheet
383Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
Renesas Technology Corp
PA1855 RENESAS-PA1855_15 Datasheet
199Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1857_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com