Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1857 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PA1857
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1857 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PA1857_15 Datasheet HTML 2Page - Renesas Technology Corp PA1857_15 Datasheet HTML 3Page - Renesas Technology Corp PA1857_15 Datasheet HTML 4Page - Renesas Technology Corp PA1857_15 Datasheet HTML 5Page - Renesas Technology Corp PA1857_15 Datasheet HTML 6Page - Renesas Technology Corp PA1857_15 Datasheet HTML 7Page - Renesas Technology Corp PA1857_15 Datasheet HTML 8Page - Renesas Technology Corp PA1857_15 Datasheet HTML 9Page - Renesas Technology Corp PA1857_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet G15060EJ2V0DS
4
µµµµPA1857
1
10
100
0.1
VDS = 10 V
ID - Drain Current - A
1
10
0.10
0.010
0.01
100
75˚C
125˚C
25˚C
TA =
−25˚C
FORWARD TRANSFER ADMITTANCE Vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
TA = 125˚C
75˚C
−25˚C
25˚C
VGS = 4.0 V
0
40
80
120
160
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
TA = 125˚C
75˚C
−25˚C
25˚C
VGS = 4.5 V
0
40
80
120
160
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
TA = 125˚C
75˚C
−25˚C
25˚C
VGS = 10 V
0
40
80
120
160
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
ID = 2.0 A
−50
0
50
100
150
10
30
50
70
90
110
130
VGS = 4.0 V
4.5 V
10 V
0
0
25
50
75
100
125
150
2468
10
12
14
16
18
20
VGS - Gate to Source Voltage - V
ID = 2.0 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE


Similar Part No. - PA1857_15

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA185 OKAYA-PA185 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA185-L OKAYA-PA185-L Datasheet
383Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
Renesas Technology Corp
PA1855 RENESAS-PA1855_15 Datasheet
199Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1857_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com