Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SA2029QM3T5G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L2SA2029QM3T5G
Description  PNP Silicon General Purpose Amplifier Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA2029QM3T5G Datasheet(HTML) 3 Page - Leshan Radio Company

  L2SA2029QM3T5G_15 Datasheet HTML 1Page - Leshan Radio Company L2SA2029QM3T5G_15 Datasheet HTML 2Page - Leshan Radio Company L2SA2029QM3T5G_15 Datasheet HTML 3Page - Leshan Radio Company L2SA2029QM3T5G_15 Datasheet HTML 4Page - Leshan Radio Company L2SA2029QM3T5G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Collector−Emitter Saturation Voltage
vs. Collector Current
1
0.1
0.01
0.1
1.0
10
100
1000
IC, COLLECTOR CURRENT (mA)
TA = 150°C
TA = 25°C
TA = −55°C
IC/IB = 10
Figure 2. Base−Emitter Saturation Voltage vs.
Collector Current
1.2
0.1
1.0
10
100
1000
IC, COLLECTOR CURRENT (mA)
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
TA = −55°C
IC/IB = 10
TA = 25°C
TA = 150°C
Figure 3. DC Current Gain vs. Collector
Current
1000
IC, COLLECTOR CURRENT (mA)
TA = 150°C
TA = 25°C
TA = −55°C
VCE = 6 V
0.1
1.0
10
100
1000
Figure 4. Saturation Region
2.0
IB, BASE CURRENT (mA)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
1.0
10
100
0.01
IC = 100 mA
IC = 50 mA
IC = 30 mA
IC = 10 mA
TA = 25°C
Figure 5. Base−Emitter Turn−ON Voltage vs.
Collector Current
0.1
1.0
10
100
1000
IC, COLLECTOR CURRENT (mA)
TA = 150°C
TA = 25°C
TA = −55°C
VCE = 2 V
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
Figure 6. Capacitance
100
VR, REVERSE VOLTAGE (V)
0.1
1.0
10
100
10
1
Cibo
Cobo
100
10
L2SA2029QM3T5G,L2SA2029RM3T5G
Rev.O 3/5


Similar Part No. - L2SA2029QM3T5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA2029QM3T5G LRC-L2SA2029QM3T5G Datasheet
296Kb / 5P
   PNP Silicon General Purpose Amplifier Transistor
More results

Similar Description - L2SA2029QM3T5G_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE296 NTE-NTE296 Datasheet
21Kb / 2P
   Silicon PNP Transistor General Purpose Amplifier
logo
ON Semiconductor
NS2029M3T5G ONSEMI-NS2029M3T5G Datasheet
69Kb / 4P
   PNP Silicon General Purpose Amplifier Transistor
May, 2007 - Rev. 0
MSB1218A-RT1G ONSEMI-MSB1218A-RT1G Datasheet
123Kb / 4P
   PNP Silicon General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
logo
Leshan Radio Company
L2SA2029QM3T5G LRC-L2SA2029QM3T5G Datasheet
296Kb / 5P
   PNP Silicon General Purpose Amplifier Transistor
L2SA2029RM3T5G LRC-L2SA2029RM3T5G_15 Datasheet
163Kb / 5P
   PNP Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
NS2029M3 ONSEMI-NS2029M3 Datasheet
59Kb / 5P
   PNP Silicon General Purpose Amplifier Transistor
October, 2015 ??Rev. 5
2SA2029M3 ONSEMI-2SA2029M3_15 Datasheet
61Kb / 5P
   PNP Silicon General Purpose Amplifier Transistor
October, 2015 ??Rev. 5
S2SA1774G ONSEMI-S2SA1774G Datasheet
97Kb / 5P
   PNP Silicon General Purpose Amplifier Transistor
September, 2012 ??Rev. 9
2SA2029M3T5G ONSEMI-2SA2029M3T5G_14 Datasheet
100Kb / 5P
   PNP Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 4
2SA1774 ONSEMI-2SA1774_06 Datasheet
53Kb / 4P
   PNP Silicon General Purpose Amplifier Transistor
May, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com