Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
KIA8259H Datasheet(PDF) 5 Page - KEC(Korea Electronics)
Part No.
KIA8259H
Description
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
(MAX
POWER
37W
QUAD
BTL
AUDIO
POWER
AMPLIFIER)
Download
8 Pages
Scroll/Zoom
100%
Maker
KEC [KEC(Korea Electronics)]
Homepage
http://www.keccorp.com
Logo
KIA8259H Datasheet(HTML) 5 Page - KEC(Korea Electronics)
zoom in
zoom out
5
/ 8 page
Html Pages
1
2
3
4
5
6
7
8
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
KIA8252H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
37W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8260AH
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
40W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8262H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
43W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA3281H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
5.8W
DUAL
AUDIO
POWER
AMPLIFIER
22W
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6216H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
15W
BTL
X
2CH
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6220H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
30W
BTL
DUAL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8225H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
45W
BTL
SINGLE
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6221AH
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
30W
BTL
DUAL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA8251AH
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
30W
BTL
X
4CH
AUDIO
POWER
IC
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6280H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
5.8W
DUAL
AUDIO
POWER
AMPLIFIER
22W
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn