Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78L24BPV Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78L24BPV
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L24BPV Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78L24BPV Datasheet HTML 1Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 2Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 3Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 4Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 5Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 6Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 7Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L24BPV Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2000. 9. 20
1/16
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 4
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
Suitable for C-MOS, TTL, DTL, HTL Power Supply.
Internal Short-Circuit Current Limiting.
Internal Thermal Overload Protection.
Maximum Output Current of 150mA (Tj=25 ).
Packaged in TO-92L.
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. OUTPUT
2. COMMON
3. INPUT
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25 )
KIA78L05BP/BPV~
KIA78L24BP/BPV
BIPOLAR LINEAR INTEGRATED CIRCUIT
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
(5V 15V)
VIN
35
V
(18V 24V)
40
Power Dissipation
PD
800
mW
Operating Junction Temperature
Tj
-30 150
Operating Temperature
Topr
-30 75
Storage Temperature
Tstg
-55 150
Q14
Q1
Q3
Q5
Z1
Q16
Q2
Q4
Q6
Q7
Q9
Q10
Q11
Q12
Q13
C1
3
1
2
INPUT
OUTPUT
COMMON
EQUIVALENT CIRCUIT
Q8


Similar Part No. - KIA78L24BPV

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L24F KEC-KIA78L24F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L24F KEC-KIA78L24F Datasheet
450Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78L24BPV

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05T KEC-KIA78M05T Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
logo
AiT Semiconductor Inc.
A78MXX AITSEMI-A78MXX Datasheet
522Kb / 10P
   BIPOLAR LINEAR REGULATOR THREE TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com