Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4345 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4345
Description  This document describes a two output buck with the VIPer16LD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4345 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4345 Datasheet HTML 6Page - STMicroelectronics AN4345 Datasheet HTML 7Page - STMicroelectronics AN4345 Datasheet HTML 8Page - STMicroelectronics AN4345 Datasheet HTML 9Page - STMicroelectronics AN4345 Datasheet HTML 10Page - STMicroelectronics AN4345 Datasheet HTML 11Page - STMicroelectronics AN4345 Datasheet HTML 12Page - STMicroelectronics AN4345 Datasheet HTML 13Page - STMicroelectronics AN4345 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Board testing
AN4345
10/28
DocID025078 Rev 1
4
Board testing
4.1
Typical waveforms
Source voltage and current waveforms in full load conditions are reported for two nominal
input voltages in Figure 7 and 8, and for minimum and maximum input voltage in Figure 9
and 10 respectively.
Figure 7. Source current and voltage at max.
load 115 VAC
Figure 8. Source current and voltage at max.
load 230 VAC
AM13812V1
AM13813V1
Figure 9. Source current and voltage at max.
load 90 VAC
Figure 10. Source current and voltage at max.
load 265 VAC
AM13814V1
AM13815V1


Similar Part No. - AN4345

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN434 SILABS-AN434 Datasheet
183Kb / 34P
   INTERFACE SPECIFICATION
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
AN4348 STMICROELECTRONICS-AN4348 Datasheet
861Kb / 25P
   Signal conditioning for electrochemical sensors
More results

Similar Description - AN4345

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
   This document describes the functions
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
   This document describes the functioning
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
   This document describes the functioning
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
   This document describes the differences between
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
   This document describes
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
   This document describes
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
   This document describes
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
   This document describes a reference design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com