Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTZ1000 Datasheet(PDF) 8 Page - Linear Technology

Part # LTZ1000
Description  Ultra Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTZ1000 Datasheet(HTML) 8 Page - Linear Technology

  LTZ1000_15 Datasheet HTML 1Page - Linear Technology LTZ1000_15 Datasheet HTML 2Page - Linear Technology LTZ1000_15 Datasheet HTML 3Page - Linear Technology LTZ1000_15 Datasheet HTML 4Page - Linear Technology LTZ1000_15 Datasheet HTML 5Page - Linear Technology LTZ1000_15 Datasheet HTML 6Page - Linear Technology LTZ1000_15 Datasheet HTML 7Page - Linear Technology LTZ1000_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTZ1000/LTZ1000A
8
1000afd
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 1987
LT 0412 REV D • PRINTED IN USA
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
LM399
7V Precision Shunt Reference
0.2% Accuracy, 0.5ppm/°C Drift, 20µVRMS Noise
LT1021
5V, 7V and 10V Precision Reference
Available in T0-5, –55°C to 125°C, Series or Shunt Operation
LT1236
5V and 10V Low Drift Precision Reference
0.05% Accuracy, 5ppm/°C Drift, Series or Shunt Operation
LT1389
1.25V, 2.5V, 4V and 5V Nanopower Shunt Reference
800nA, 0.05% Accuracy, 10ppm/°C Drift
LT1634
1.25V and 2.5V Micropower Shunt Reference
0.05%, 10ppm/°C, 10µA Current
LTC6655
Precision Low Noise Reference Family
2ppm/°C, Maximum Drift, 650nVP-P Noise (0.1Hz to 10Hz)
.050
(1.270)
MAX
.016 – .021**
(0.406 – 0.533)
.010 – .045*
(0.254 – 1.143)
SEATING
PLANE
.040
(1.016)
MAX
.165 – .185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
.500 – .750
(12.700 – 19.050)
.305 – .335
(7.747 – 8.509)
.335 – .370
(8.509 – 9.398)
DIA
.200
(5.080)
TYP
.027 – .045
(0.686 – 1.143)
.028 – .034
(0.711 – 0.864)
.110 – .160
(2.794 – 4.064)
INSULATING
STANDOFF
45°
H8(TO-5) 0.200 PCD 0204
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND THE SEATING PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
.016 – .024
(0.406 – 0.610)
*
**
PIN 1
H Package
8-Lead TO-5 Metal Can (.200 Inch PCD)
(Reference LTC DWG # 05-08-1320)
package DescripTion
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.


Similar Part No. - LTZ1000_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000_12 Datasheet
162Kb / 8P
   Ultra Precision Reference
More results

Similar Description - LTZ1000_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000A LINER-LTZ1000A_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_06 Datasheet
134Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
127Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_12 Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
   Ultra Precision Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com