Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA7036AF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7036AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7036AF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7036AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA7036AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA7036AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA7036AF Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 12. 31
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 2
VOLTAGE DETECTOR
Function of this IC is accurately resetting the system after
detecting voltage at the time of switching power on and instantaneous
power off in various CPU systems and other logic systems.
FEATURES
Current Consumption is Low. ICCL=300 A Typ. ICCH=30 A Typ.
Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ.
Hysteresis Voltage is Provided. 50mV Typ.
Reset Signal Generation Starting Voltages :
KIA7019 1.9V Typ.
KIA7033 3.3V Typ.
KIA7021 2.1V Typ.
KIA7034 3.4V Typ.
KIA7023 2.3V Typ.
KIA7035 3.5V Typ.
KIA7025 2.5V Typ.
KIA7036 3.6V Typ.
KIA7027 2.7V Typ.
KIA7039 3.9V Typ.
KIA7029 2.9V Typ.
KIA7042 4.2V Typ.
KIA7031 3.1V Typ.
KIA7045 4.5V Typ.
KIA7032 3.2V Typ.
Taping Type is also Available.
APPLICATIONS
(1) As Control Circuit of Battery-Backed Memory.
(2) As Measure Against Erroneous Operations at Power ON-OFF.
(3) As Measure Against System Runaway at Instantaneous Break
of Power Supply etc.
(4) As Resetting Function for the CPU-Mounted Equipment,
such as Personal Computers, Printers, VTRs and so forth.
N
1.00
M
0.45 MAX
N
E
C
E
F
F
H
G
K
B
3
2
1
D
2.30
0.55 MAX
14.00
0.50
0.45
0.85
1.27
1.00
0.45
3.70 MAX
4.80 MAX
4.70 MAX
L
K
J
H
G
F
D
C
B
A
MILLIMETERS
DIM
TO-92
+
_
1. VCC
2. GND
3. OUT
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50
0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50
0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. GND
A
C
K
F
MILLIMETERS
H
1. VCC
3. OUT
FF
D
+
_
+
_
KIA7019AP/AF/AT~
KIA7045AP/AF/AT
BIPOLAR LINEAR INTEGRATED CIRCUIT
VCC
OUT
GND
+
-
EQUIVALENT CIRCUIT
Type No.
Marking
Type No.
Marking
Type No.
Marking
KIA7019AF/AT
6A
KIA7029AF/AT
6F
KIA7035AF/AT
6L
KIA7021AF/AT
6B
KIA7031AF/AT
6G
KIA7036AF/AT
6M
KIA7023AF/AT
6C
KIA7032AF/AT
6H
KIA7039AF/AT
6N
KIA7025AF/AT
6D
KIA7033AF/AT
6J
KIA7042AF/AT
6P
KIA7027AF/AT
6E
KIA7034AF/AT
6K
KIA7045AF/AT
6R
Marking
DIM
MILLIMETERS
A
B
D
E
TSM
2.9
0.2
1.6+0.2/-0.1
0.70
0.05
0.4
0.1
2.8+0.2/-0.3
1.9
0.2
0.95
0.16
0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
1
3
2
1
3
+
_
+
_
+
_
+
_
+
_
1. VCC
2. OUT
3. GND


Similar Part No. - KIA7036AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7036AF KEC-KIA7036AF Datasheet
471Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA7036AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com