Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5531 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5531
Description  Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5531 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5531_15 Datasheet HTML 3Page - Linear Technology LTC5531_15 Datasheet HTML 4Page - Linear Technology LTC5531_15 Datasheet HTML 5Page - Linear Technology LTC5531_15 Datasheet HTML 6Page - Linear Technology LTC5531_15 Datasheet HTML 7Page - Linear Technology LTC5531_15 Datasheet HTML 8Page - Linear Technology LTC5531_15 Datasheet HTML 9Page - Linear Technology LTC5531_15 Datasheet HTML 10Page - Linear Technology LTC5531_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC5531
7
5531f
S11 Forward Reflection
Impedance
0.3000GHz-7.000GHz
RFIN Input Impedance (Pin = –25dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(
Ω)(Ω)
0.30
216.45
–76.47
0.50
190.63
–98.28
0.70
161.98
–112.03
0.90
133.17
–111.53
1.10
113.08
–109.05
1.30
94.55
–107.08
1.50
75.33
– 98.50
1.70
63.52
– 88.19
1.90
55.19
– 80.05
2.10
48.64
–72.23
2.30
43.73
– 64.81
2.50
39.71
– 58.31
2.70
36.47
– 52.27
2.90
33.69
– 46.77
3.10
31.61
– 41.25
3.30
29.78
–36.61
3.50
28.27
–32.39
3.70
26.63
–28.12
3.90
26.12
–23.97
4.10
24.20
–20.75
4.30
23.28
–16.69
4.50
22.60
–12.77
4.70
22.21
– 9.08
4.90
22.15
–5.24
5.10
22.61
–1.58
5.30
23.90
1.53
5.50
24.97
2.62
5.70
23.51
4.00
5.90
22.25
6.94
6.10
21.57
10.62
6.30
21.43
14.02
6.50
21.69
17.77
6.70
22.68
21.24
6.90
22.81
24.21
7.00
23.07
25.56
5508 TA04
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC5531_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5531ES6 LINER-LTC5531ES6 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
More results

Similar Description - LTC5531_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com