Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4410 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4410
Description  USB Power Manager in ThinSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4410 Datasheet(HTML) 5 Page - Linear Technology

  LTC4410 Datasheet HTML 1Page - Linear Technology LTC4410 Datasheet HTML 2Page - Linear Technology LTC4410 Datasheet HTML 3Page - Linear Technology LTC4410 Datasheet HTML 4Page - Linear Technology LTC4410 Datasheet HTML 5Page - Linear Technology LTC4410 Datasheet HTML 6Page - Linear Technology LTC4410 Datasheet HTML 7Page - Linear Technology LTC4410 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC4410
sn4410 4410fs
OPERATIO
The LTC4410 manages the total current consumption
between a battery charger and a USB portable device. In
a system using the LTC4410, a battery charger can be set
up to charge at the maximum available current from the
USB port without any need to reserve current for the
device load. As the USB device current increases, the
LTC4410 decreases the battery charge current so as not
to exceed the maximum allowable current from the USB
port. This allows for simultaneous battery charging and
device operation. The LTC4410 can only reduce the bat-
tery charge current to zero. It is the responsibility of the
USB device load to not exceed the USB power limits.
The LTC4410 uses an internal power MOSFET to sense
load current. This MOSFET is held off when VOUT > VIN or
VIN < 4.2V (typ). A replica of the IVOUT current equal to
IVOUT/1000 is sourced out of the CHP pin with an accuracy
of ±6%. This current can be summed into the PROG node
of a battery charger to reduce the charge current. The
LTC4410 is primarily designed to interface with battery
chargers that use a program pin to set the maximum
charge current, with a charge current to program pin
current ratio of 1000:1. The voltage on CHP can be
externally monitored to signal overcurrent conditions.
When VIN > 4.2V, the internal USB present comparator
forces the USBP pin high. This signal can be used to detect
when the USB voltage is present and drive an external
switch to connect or disconnect a battery from the USB
peripheral.
The MODE pin controls the state of an internal 370µA
current reference (IREF). When active (MODE pin low), the
total current sourced out of CHP is IVOUT/1000 +IREF. The
primary function of the current reference is to offset the
battery charger charge current for 100mA mode. When
MODE is high, the current reference is disabled. The total
current out of CHP with MODE high is IVOUT/1000. The
MODE controlled current offset makes it possible to con-
figure the battery charger and the LTC4410 to support the
USB specification 1.0 and 2.0 required 100mA and 500mA
modes of operation.
The low quiescent current (80µA, when MODE is high) of
the LTC4410 makes the system easily compliant with the
USB specifications 1.0 and 2.0 SUSPEND MODE current
consumption requirements.
When VOUT > VIN, the LTC4410 transitions to low power
mode, draining 1µA (typical) from the Lithium-Ion battery.
This condition occurs when the USB device is operating
off of its internal battery and not connected to the USB
port.


Similar Part No. - LTC4410

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4410 LINER-LTC4410 Datasheet
125Kb / 8P
   USB Power Manager in ThinSOT
LTC4410 LINER-LTC4410 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4410ES6 LINER-LTC4410ES6 Datasheet
125Kb / 8P
   USB Power Manager in ThinSOT
More results

Similar Description - LTC4410

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4410 LINER-LTC4410 Datasheet
125Kb / 8P
   USB Power Manager in ThinSOT
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com