Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4069 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4069
Description  Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4069_15 Datasheet HTML 10Page - Linear Technology LTC4069_15 Datasheet HTML 11Page - Linear Technology LTC4069_15 Datasheet HTML 12Page - Linear Technology LTC4069_15 Datasheet HTML 13Page - Linear Technology LTC4069_15 Datasheet HTML 14Page - Linear Technology LTC4069_15 Datasheet HTML 15Page - Linear Technology LTC4069_15 Datasheet HTML 16Page - Linear Technology LTC4069_15 Datasheet HTML 17Page - Linear Technology LTC4069_15 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LTC4069
15
4069fc
For more information www.linear.com/LTC4069
Thermistors
The LTC4069 NTC trip points are designed to work with
thermistors whose resistance-temperature character-
istics follow Vishay Dale’s “R-T Curve 1.” The Vishay
NTHS0603N01N1003Jisanexampleofsuchathermistor.
However, Vishay Dale has many thermistor products that
follow the “R-T Curve 1” characteristic in a variety of sizes.
Furthermore, any thermistor whose ratio of RCOLDtoRHOT
is about 6 will also work (Vishay Dale R-T Curve 1 shows
a ratio of RCOLD to RHOT of 3.266/0.5325 = 6.13).
Designers may want to use thermistors whose room
temperature value is different than 100k. Vishay Dale
has a number of values of thermistor from 32k to 100k
that follow the “R-T Curve 1.” Using different R-T curves,
such as Vishay Dale “R-T Curve 2”, is also possible. This
curve, combined with LTC4069 internal thresholds, gives
temperaturetrippointsofapproximately–3°C(falling)and
42°C (rising), a delta of 45°C. This delta in temperature
can be moved in either direction by changing the value of
RNOM with respect to RNTC. Increasing RNOM will move
both trip points to higher temperatures. To calculate
RNOM for a shift to lower temperature for example, use
the following equation:
RNOM =
RCOLD
3.266
• RNTC at 25°C
where RCOLD is the resistance ratio of RNTC at the desired
coldtemperaturetrippoint.Ifyouwanttoshiftthetrippoints
to higher temperatures use the following equation:
RNOM =
RHOT
0.5325
• RNTC at 25°C
where RHOT is the resistance ratio of RNTC at the desired
hot temperature trip point.
Here is an example using a 10k R-T Curve 2 thermistor
from Vishay Dale. The difference between the trip points
is 45°C, from before, and we want the cold trip point to
be 0°C, which would put the hot trip point at 45°C. The
RNOM needed is calculated as follows:
RNOM =
RCOLD
3.266
• RNTC at 25°C
=
2.816
3.266
• 10k
= 8.62k
The nearest 1% value for RNOM is 8.66k. This is the value
used to bias the NTC thermistor to get cold and hot trip
points of approximately 0°C and 45°C respectively. To
extend the delta between the cold and hot trip points, a
resistor, R1, can be added in series with RNTC (see Figure
6). The values of the resistors are calculated as follows:
RNOM =
RCOLD −RHOT
3.266
− 0.5325
R1 =
0.5325
3.266
− 0.5325
⎝⎜
⎠⎟
• RCOLD −RHOT
(
)−RHOT
where RNOM is the value of the bias resistor and RHOT and
RCOLD are the values of RNTC at the desired temperature
trip points. Continuing the example from before with a
desired trip point of 50°C:
RNOM =
RCOLD −RHOT
3.266
−0.5325
=
10k • 2.816
−0.4086
(
)
3.266
−0.5325
= 8.8k, 8.87k is the nearest 1% value.
R1 = 10k •
0.5325
3.266
−0.5325
⎝⎜
⎠⎟
• 2.816
−0.4086
(
)−0.4086
= 604Ω, 604 is the nearest 1% value.
applicaTions inForMaTion


Similar Part No. - LTC4069_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4_15 Datasheet
207Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069EDC-4.4-PBF LINER-LTC4069EDC-4.4-PBF Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069EDC-4.4-TRPBF LINER-LTC4069EDC-4.4-TRPBF Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
More results

Similar Description - LTC4069_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com