Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1689 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1689
Description  100Mbps RS485 Hot Swapable Quad Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1689 Datasheet HTML 4Page - Linear Technology LTC1689 Datasheet HTML 5Page - Linear Technology LTC1689 Datasheet HTML 6Page - Linear Technology LTC1689 Datasheet HTML 7Page - Linear Technology LTC1689 Datasheet HTML 8Page - Linear Technology LTC1689 Datasheet HTML 9Page - Linear Technology LTC1689 Datasheet HTML 10Page - Linear Technology LTC1689 Datasheet HTML 11Page - Linear Technology LTC1689 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1688/LTC1689
16889fa
Cable Termination
The recommended cable termination for use with the
LTC1688/LTC1689 is a single resistor across the two ends
of a transmission cable (see Figure 8). When PC traces are
used as the transmission line, its characteristic imped-
ance should be chosen close to 100
Ω in order to better
match the specified timing characteristics of the LTC1688/
LTC1689. Category 5 unshielded twisted pair can be used
over short distances at the maximum data rates (100Mbps).
For point-to-point configurations (see Figure 9), a single
resistor across the cable at the receiver end is sufficient.
A single resistor termination lowers power consumption
and increases the differential output signal. See Enable
Pins section for cable terminations with a DC bias.
APPLICATIONS INFORMATION
Enable Pins
For cable terminations with a DC bias (such as High
Voltage Differential SCSI, see Figure 10), the driver out-
puts must be disabled for at least 200ns after power-up.
This ensures that the driver outputs do not disturb the
cable upon power-up. It also ensures the correct output
start-up conditions. When there is an output short fault
condition and the cable has a DC biased termination, such
as Figure 10, the driver outputs must be disabled for at
least 200ns after the short has been removed. Recall that
for transmission lines that have the recommended RS485
single resistor termination (Figures 8 and 9), the LTC1688/
LTC1689 will come out of a short-circuit fault condition
automatically without having to disable the outputs.
1688/89 F10
1/4 LTC1518
150
330
DE
DI
330
1/4 LTC1688
TERM POWER
150
330
330
TERM POWER
1/4 LTC1518
Figure 10. DC-Biased Termination
(Recommended for SCSI Applications Only)
Figure 8. Multipoint Transmission
Figure 9. Point-to-Point Transmission
1688/89 F08
1/4 LTC1518
1/4 LTC1519
100
100
1/4 LTC1688
1688/89 F09
1/4 LTC1518
100
1/4 LTC1689


Similar Part No. - LTC1689

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1689 LINER-LTC1689 Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
LTC1689CS LINER-LTC1689CS Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
More results

Similar Description - LTC1689

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1688 LINER-LTC1688 Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
LTC1688 LINER-LTC1688_15 Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Dimensions Semic...
LTC1688IS LINEAR_DIMENSIONS-LTC1688IS Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Technology
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488 Datasheet
228Kb / 12P
   Quad RS485 Line Receiver
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
LTC489 LINER-LTC489_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
LTC487 LINER-LTC487_05 Datasheet
113Kb / 8P
   Quad Low Power RS485 Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com