Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1517-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1517-5
Description  Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1517-5 Datasheet(HTML) 8 Page - Linear Technology

  LTC1517-5 Datasheet HTML 1Page - Linear Technology LTC1517-5 Datasheet HTML 2Page - Linear Technology LTC1517-5 Datasheet HTML 3Page - Linear Technology LTC1517-5 Datasheet HTML 4Page - Linear Technology LTC1517-5 Datasheet HTML 5Page - Linear Technology LTC1517-5 Datasheet HTML 6Page - Linear Technology LTC1517-5 Datasheet HTML 7Page - Linear Technology LTC1517-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1517-5
15175fs, sn15175a LT/TP 0298 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
3.3V to 1.9V, 6A Power Supply
LTC1517-5
LTC1430CS
G1
PVCC1
PGND
GND
SENSE
FB
SENSE+
SHDN
G2
PVCC2
VCC
IFB
IMAX
FREQSET
COMP
SS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C3
0.22
µF
5
1
2
34
C6 TO C9*
330
µF
6.3V
× 4
C15
10
µF
10V
C13
390pF
C14
0.012
µF
C12
0.1
µF
C16
0.018
µF
VOUT
1.9V
6A
C4
0.1
µF
5V
C5
1
µF
D1
BAT54
D2
MBRS120
R5
4.99K
1%
R6
10K
1%
L1
2.4
µH, 8A
SUMIDA
CDRH127-2R4
C11
1
µF
Q1
Si4410
Q2
Si4410
R2
24k
R4
5.2k
C10
0.1
µF
C1
Y5V CERAMIC
3.3
µF
VIN
3.3V
C2
Y5V CERAMIC
10
µF
+
C17 TO C21 *
330
µF
6.3V
× 5
*AVX TPS TANTALUM
1517 TA03
+
R1
100
R3
1k
ON
OFF
+
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1514-X
Step-Up/Step-Down Switched-Capacitor DC/DC Converter with
3.3V or 5V Output Up to 50mA
Low Battery Comparator
LTC1515 Series
Step-Up/Step-Down Switched-Capacitor DC/DC Converter with Reset
Fixed or Adjustable Output Up to 50mA
LTC1516
Micropower Regulated 5V Charge Pump DC/DC Converter
20mA for VIN ≥ 2V, 50mA for VIN ≥ 3V
LTC1522
Micropower Regulated 5V Charge Pump DC/DC Converter
Same as LTC1517-5 with Shutdown, Available in MSOP
RELATED PARTS


Similar Part No. - LTC1517-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517-5 LINEAR-LTC1517-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
More results

Similar Description - LTC1517-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com