Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1517-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1517-5
Description  Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1517-5 Datasheet(HTML) 6 Page - Linear Technology

  LTC1517-5_15 Datasheet HTML 1Page - Linear Technology LTC1517-5_15 Datasheet HTML 2Page - Linear Technology LTC1517-5_15 Datasheet HTML 3Page - Linear Technology LTC1517-5_15 Datasheet HTML 4Page - Linear Technology LTC1517-5_15 Datasheet HTML 5Page - Linear Technology LTC1517-5_15 Datasheet HTML 6Page - Linear Technology LTC1517-5_15 Datasheet HTML 7Page - Linear Technology LTC1517-5_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1517-5
TYPICAL APPLICATIONS
1
µF
1517 TA04a
12
3
4
5
0.1
µF
3.3
µF
1
µF
1
µF
1
µF
470
470
VOUT = 5V
IOUT = 1mA (VIN ≥ 3.3V)
IOUT = 10mA (VIN ≥ 3.6V)
VRIPPLE < 2mVP-P
VIN
3.3V TO 5V
VIN
GND
LTC1517-5
VOUT
C1+
C1
Q2
Q1, Q2: 2N3904
Q1
A
B
50mV/DIV
AC COUPLED
VOUT
2mV/DIV
AC COUPLED
50
µs/DIV
VIN = 3.3V
IOUT = 1mA
1517-5 TA04b
Low Noise Boosted 5V Supply
Generating 5V and a Negative Supply
3.3
µF
1517 TA05
12
3
4
5
0.1
µF
0.1
µF
*
**
3.3k
VOUT = 5V ±4%
IOUT = 10mA (2.7V ≤ VIN ≤ 5V)
IOUT = 20mA (3V ≤ VIN ≤ 5V)
–VOUT = –1.4V TO –3.5V
–IOUT = 0mA to 5mA
VIN
2.7V TO 5V
VIN
GND
LTC1517-5
VOUT
C1+
C1
8.2k
470
3.3
µF
CENTRAL SEMICONDUCTOR CMPSH-35 DUAL SCHOTTKY
OPTIONAL CIRCUITRY FOR MAINTAINING – VOUT WITH LOW
VOUT LOADS
Q1, Q2: 2N3904
*
**
3.3
µF
Q2
Q1
A
B


Similar Part No. - LTC1517-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517-5 LINEAR-LTC1517-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
More results

Similar Description - LTC1517-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com