Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC1093 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. PC1093
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC1093 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PC1093_15 Datasheet HTML 4Page - Renesas Technology Corp PC1093_15 Datasheet HTML 5Page - Renesas Technology Corp PC1093_15 Datasheet HTML 6Page - Renesas Technology Corp PC1093_15 Datasheet HTML 7Page - Renesas Technology Corp PC1093_15 Datasheet HTML 8Page - Renesas Technology Corp PC1093_15 Datasheet HTML 9Page - Renesas Technology Corp PC1093_15 Datasheet HTML 10Page - Renesas Technology Corp PC1093_15 Datasheet HTML 11Page - Renesas Technology Corp PC1093_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
µPC1093
6
0.3
0
255075
100
TA -Operating Ambient Temperature -
°C
IK off vs TA
5
1
46
10
T - Time - s
Pulse Response
3
TA = 25
°C
VKA = VREF
RO = 220
100
100 k
100
1 k
1 M
f - Frequency - Hz
ZKA vs f
60
0
20
10 M
f - Frequency - Hz
Av vs f
40
0.01
10 k
TA = 25
°C
VKA = VREF
1 mA
≤IK≤100 mA
–20
1 M
10 k
100 k
1 k
0.1
0.2
0
–25
VKA = 36 V
VREF = 0
0
0
2
02
8
220
IK
νo
νin
10 k
(IK = 10 mA)
10 k
10
0.1
1
3
1
2
–25
0
25
50
75
100
TA -Operating Ambient Temperature -
°C
IREF vs TA
VKA = VREF, IK = 10 mA
R1 = 10 k
Ω , R2 = ∞
0
µ
~


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn