Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC1093 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. PC1093
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC1093 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PC1093_15 Datasheet HTML 3Page - Renesas Technology Corp PC1093_15 Datasheet HTML 4Page - Renesas Technology Corp PC1093_15 Datasheet HTML 5Page - Renesas Technology Corp PC1093_15 Datasheet HTML 6Page - Renesas Technology Corp PC1093_15 Datasheet HTML 7Page - Renesas Technology Corp PC1093_15 Datasheet HTML 8Page - Renesas Technology Corp PC1093_15 Datasheet HTML 9Page - Renesas Technology Corp PC1093_15 Datasheet HTML 10Page - Renesas Technology Corp PC1093_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
µPC1093
5
TYPICAL CHARACTERISTICS
1.2
0.2
1.0
02
13
VKA - Cathode Voltage - V
IK vs VKA ( I )
0.8
0.4
0.6
TA = 25
°C
VKA = VREF
20
10
0
–10
–20
0
–25
50
75
100
TA - Operating Ambient Temperature -
°C
VREF vs TA
20
10
–20
40
VKA - Cathode Voltage - V
–10
0
TA = 25
°C
IK = 10 mA
–30
25
IK = 10 mA
VKA = VREF
–30
30
10
20
0
0.4
2.0
Pd vs TA ( II )
1.6
0.8
1.2
0.8
0.2
0.4
100
TA - Operating Ambient Temperature -
°C
0.6
0
80
20
40
60
Pd vs TA ( I )
(with 16 cm2
×0.7 mm ceramic substrate)
PC1093T
PC1093J
PC1093TA
62.5
°C/W
180
°C/W
PC1093G
260
°C/W
PC1093T
315
°C/W
PC1093TA
695
°C/W
245
°C/W
150
100
50
0
–50
–2
–1
0123
VKA - Cathode Voltage - V
IK vs VKA ( II )
TA = 25
°C
VKA = VREF
–100
µ
µ
µ
µ
100
0
80
20
40
60
TA - Operating Ambient Temperature -
°C
µ
µ
(with 75 mm2
×0.7 mm ceramic
substrate)
VREF vs VKA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn