Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC1093 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PC1093
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC1093 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PC1093_15 Datasheet HTML 2Page - Renesas Technology Corp PC1093_15 Datasheet HTML 3Page - Renesas Technology Corp PC1093_15 Datasheet HTML 4Page - Renesas Technology Corp PC1093_15 Datasheet HTML 5Page - Renesas Technology Corp PC1093_15 Datasheet HTML 6Page - Renesas Technology Corp PC1093_15 Datasheet HTML 7Page - Renesas Technology Corp PC1093_15 Datasheet HTML 8Page - Renesas Technology Corp PC1093_15 Datasheet HTML 9Page - Renesas Technology Corp PC1093_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
µPC1093
4
ELECTRICAL CHARACTERISTICS (TA = 25
°C, IK = 10 mA, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reference Voltage
VREF
VKA = VREF
2.440
2.495
2.550
V
Reference Voltage Deviation Over
∆VREF
0
°C ≤ TA ≤ 70 °C, VKA = VREF
717
mV
Temperature
Reference Voltage Deviation Over
∆VREF/∆V| VREF | ≤ VKA ≤ 10 V
1.2
2.7
mV/V
Cathode Voltage
10 V
≤ VKA ≤ 36 V
0.7
2
mV/V
Reference Input Current
IREF
VKA = VREF, R1 = 10 k
Ω, R2 = ∞
14
µA
Reference Input Current Deviation
∆IREF
0
°C ≤ TA ≤ 70 °C, VKA = VREF,
0.4
1.2
µA
Over Temperature
R1 = 10 k
Ω, R2 = ∞
Minimum Cathode Current
IK min.
VKA = VREF,
∆VREF = 2 %
0.4
1
mA
Off-state Cathode Current
IK off
VKA = 36 V, VREF = 0
0.1
1
µA
Dynamic Impedance
| ZKA |VKA = VREF, f
≤ 1 kHz
0.1
0.5
1 mA
≤ IK ≤ 100 mA
TEST AND APPLICATION CIRCUIT
VIN
GND
K
A
REF
R0
R1
R2
VOUT
VOUT
(1+
) . VREF
R1
R2


Similar Part No. - PC1093_15

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
PC10949 HONEYWELL-ACC-PC10949 Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
More results

Similar Description - PC1093_15

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com