Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1617-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1617-1
Description  Micropower Inverting DC/DC Converters in SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1617-1 Datasheet(HTML) 5 Page - Linear Technology

  LT1617-1 Datasheet HTML 1Page - Linear Technology LT1617-1 Datasheet HTML 2Page - Linear Technology LT1617-1 Datasheet HTML 3Page - Linear Technology LT1617-1 Datasheet HTML 4Page - Linear Technology LT1617-1 Datasheet HTML 5Page - Linear Technology LT1617-1 Datasheet HTML 6Page - Linear Technology LT1617-1 Datasheet HTML 7Page - Linear Technology LT1617-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1617/LT1617-1
Choosing an Inductor
Several recommended inductors that work well with the
LT1617 and LT1617-1 are listed in Table 1, although there
are many other manufacturers and devices that can be
used. Consult each manufacturer for more detailed infor-
mation and for their entire selection of related parts. Many
different sizes and shapes are available. Use the equations
and recommendations in the next few sections to find the
correct inductance value for your design.
Table 1. Recommended Inductors
PART
VALUE (
µH)
MAX DCR (
)
VENDOR
LQH3C4R7
4.7
0.26
Murata
LQH3C100
10
0.30
(714) 852-2001
LQH3C220
22
0.92
www.murata.com
CD43-4R7
4.7
0.11
Sumida
CD43-100
10
0.18
(847) 956-0666
CDRH4D18-4R7
4.7
0.16
www.sumida.com
CDRH4D18-100
10
0.20
DO1608-472
4.7
0.09
Coilcraft
DO1608-103
10
0.16
(847) 639-6400
D01608-223
22
www.coilcraft.com
Inductor Selection—Inverting Regulator
The formula below calculates the appropriate inductor
value to be used for an inverting regulator using the
LT1617 or LT1617-1 (or at least provides a good starting
point). This value provides a good tradeoff in inductor size
and system performance. Pick a standard inductor close
to this value (both inductors should be the same value). A
larger value can be used to slightly increase the available
output current, but limit it to around twice the value
calculated below, as too large of an inductance will in-
crease the output voltage ripple without providing much
additional output current. A smaller value can be used
(especially for systems with output voltages greater than
12V) to give a smaller physical size. Inductance can be
calculated as:
L
VV
I
t
OUT
D
LIM
OFF
=
+
2
where VD = 0.4V (Schottky diode voltage), ILIM= 350mA or
100mA, and tOFF = 400ns.
APPLICATIO S I FOR ATIO
For higher output voltages, the formula above will give
large inductance values. For a 2V to 20V converter (typical
LCD bias application), a 47
µH inductor is called for with
the above equation, but a 10
µH or 22µH inductor could be
used without excessive reduction in maximum output
current.
Inductor Selection—Inverting Charge Pump Regulator
For the inverting regulator, the voltage seen by the internal
power switch is equal to the sum of the absolute value of
the input and output voltages, so that generating high
output voltages from a high input voltage source will often
exceed the 36V maximum switch rating. For instance, a
12V to – 30V converter using the inverting topology would
generate 42V on the SW pin, exceeding its maximum
rating. For such a system, an inverting charge pump is the
best topology.
The formula below calculates the approximate inductor
value to be used for an inverting charge pump regulator
using the LT1617. As for the boost inductor selection, a
larger or smaller value can be used. For designs with
varying VIN such as battery powered applications, use the
minimum VIN value in the equation below.
L
VV
V
I
t
OUT
IN MIN
D
LIM
OFF
=
−+
()
Current Limit Overshoot
For the constant off-time control scheme of the LT1617,
the power switch is turned off only after the 350mA (or
100mA) current limit is reached. There is a 100ns delay
between the time when the current limit is reached and
when the switch actually turns off. During this delay, the
inductor current exceeds the current limit by a small
amount. The peak inductor current can be calculated by:
II
VV
L
ns
PEAK
LIM
IN MAX
SAT
=+
()
100
Where VSAT = 0.25V (switch saturation voltage). The
current overshoot will be most evident for systems with
high input voltages and for systems where smaller induc-


Similar Part No. - LT1617-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617-1 LINER-LT1617-1 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
More results

Similar Description - LT1617-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
   Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LT1615 LINER-LT1615 Datasheet
104Kb / 8P
   Micropower Step-Up DC/DC Convertersin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com