Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KIA78M05F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KIA78M05F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78M05F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78M05F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2002. 9. 24
1/8
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 3
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 8V, 12V, 15V.
KIA78M
Series of three-terminal positive voltage regulators
employ built-in current limiting, thermal shutdown, and safe-operating
area protection which makes them virtually immune to damage from
output overloads. With adequate heatsinking, they can deliver in excess
of 0.5A output current.
FEATURES
Output current in excess of 0.5A.
No external components.
Internal thermal overload protection.
Internal short circuit current limiting.
Output transistor safe-area compensation.
Available in DPAK package.
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. COMMON
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25 )
KIA78M05F
KIA78M15F
BIPOLAR LINEAR INTEGRATED CIRCUIT
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
35
V
Power Dissipation (Tc=25 )
PD
12
W
Power Dissipation
(Without Heatsink)
PD
1.3
W
Operating Junction Temperature
Tj
-40 150
Storage Temperature
Tstg
-55 150
Soldering Temperature
(10 seconds)
Tsol
260


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn