Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KIA78M05F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part No. KIA78M05F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78M05F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA78M05F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78M05F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2002. 9. 24
4/8
KIA78M05F KIA78M15F
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA78M08F
(unless otherwise specified : VIN=14V, IOUT=350mA, CIN=0.33 F, COUT=0.1 F)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Tj=25
7.7
8
8.3
V
5mA IOUT 350mA
PD 7.5W, 10.5V VIN 23V
7.6
8
8.4
Line Regulation
Reg Line
11V VIN 25V, IOUT=200mA
-
-
50
mV
10.5V VIN 25V, IOUT=200mA
-
-
100
Load Regulation
Reg Load
5mA IOUT 500mA
-
-
100
mV
Quiescent Current
IB
Tj=25
-
4
6
mA
Quiescent Current Change
IB
5mA IOUT 350mA
-
-
0.5
mA
10.5V VIN 25V, IOUT=200mA
-
-
1.0
mA
Output Noise Voltage
VNO
f=10Hz 100kHz
-
50
-
V
Ripple Rejection
R R
f=120Hz, 11V VIN 25V
IOUT=300mA
56
75
-
dB
Dropout Voltage
VD
IOUT=500mA
-
2.0
-
V
Short Circuit Current
ISC
VIN=35V
-
300
-
mA
Output Voltage Drift
VOUT/ T
IOUT=5mA, Tj=0 125
-
-0.5
-
mV/


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn