Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78L05F Datasheet(PDF) 15 Page - KEC(Korea Electronics)

Part # KIA78L05F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L05F Datasheet(HTML) 15 Page - KEC(Korea Electronics)

Back Button KIA78L05F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 9Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 10Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 11Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 12Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 13Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 14Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 15Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 16Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
2014. 2. 26
15/16
KIA78L05F~KIA78L24F
Revision No : 6
PRECAUTIONS FOR USE
When such a high voltage as exceeds 10V beyond the fixed output voltage(Typ. value) of is applied to its output terminal,
IC may be destroyed. In this case, connect a zener diode between the output terminal and GND to prevent application of excessive voltage.
In particular, in such a current boosting circuit as shown in application circuit example(2), if input voltage is suddenly applied by stages
and furthermore load is light, excessive voltage may be applied transiently to the output terminal of IC. In such a case as this, it may
become necessary to increase capacity of output capacitor as appropriate, use a smaller R1(a resistor for bypassing IC bias current)
or gradually rise input voltage in addition to use of a zener diode as mentioned above.
SOLDERING
Flat Package (SOT-89 Package)
Elements mounting styles of electronic devices are gaining in further diversification over recent years, and needs for components
are all the more expanding in varieties. Especially, surface mounting is steadily penetrating into industrial segments as a world-wide
popular technical trend. Although exposure to high temperature is inevitable during soldering we recommend limiting the soldering
temperature to low levels as shown in figure for the sake of retaining inherent excellent reliability.
(a) When employing solder reflow method
① Atmospheric temperature around resin surfaces must be less than 240℃, not exceeding the time length of 10 sec.
② Recommend temperature profile
③ Precautions on heating method
When resin in kept exposed to high temperature for a long time, device reliability may be marred.
Therefore, it is essential to complete soldering in the shortest time possible to prevent temperature of resin from rising.
(b) When employing halogen lamps or infrared-ray heaters
When halogen lamps or infrared-ray heaters are used, avoid direct irradiation onto resin surfaces; such devices cause
extensive localized temperature rise.
※ Please keep a reflow solder operating when SOT-89 package’s soldering.
60 sec.
Time (sec.)
Within 30 sec.
Within 10 sec.
Fig
6
150
210
240


Similar Part No. - KIA78L05F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L05F KEC-KIA78L05F Datasheet
450Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78L05F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05T KEC-KIA78M05T Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
logo
AiT Semiconductor Inc.
A78MXX AITSEMI-A78MXX Datasheet
522Kb / 10P
   BIPOLAR LINEAR REGULATOR THREE TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com