Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KIA78L05F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part No. KIA78L05F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L05F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA78L05F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L05F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2014. 2. 26
4/16
KIA78L05F~KIA78L24F
Revision No : 6
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25℃
7.6
8.0
8.4
V
Input Regulation
Reg line
1
Tj=25℃
10.5V
≦V
IN≦23V
-
20
175
mV
11V
≦V
IN≦23V
-
12
125
Load Regulation
Reg load
1
Tj=25℃
1.0mA
≦I
OUT≦100mA
-
15
80
mV
1.0mA
≦I
OUT≦40mA
-
7.0
40
Output Voltage
VOUT
1
10.5V
≦V
IN≦23V
1.0mA
≦I
OUT≦40mA
7.44
-
8.56
V
VIN=14V, 1.0mA≦IOUT≦70mA
7.44
-
8.56
Quiescent Current
IB
1
Tj=25℃
-
3.1
6.5
mA
Tj=125℃
-
-
6.0
Quiescent Current Change
ΔI
B
1
11V
≦V
IN≦23V
-
-
1.5
mA
1.0mA
≦I
OUT≦40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25
℃, 10Hz≦f≦100kHz
-
60
-
μV
rms
Long Term Stability
ΔV
OUT/Δt
1
-
20
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz,
12V
≦V
IN≦23V, Tj=25℃
37
45
-
dB
Dropout Voltage
| VIN-VOUT |
1
Tj=25℃
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-0.8
-
mV/
ELECTRICAL CHARACTERISTICS
KIA78L08F
(Unless otherwise specified, VIN=14V, IOUT=40mA, CIN=0.33μ
F, COUT=0.1μ
F, 0
℃≦T
j≦125℃)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn