Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1081 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1081
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1081 Datasheet HTML 3Page - Linear Technology LT1081 Datasheet HTML 4Page - Linear Technology LT1081 Datasheet HTML 5Page - Linear Technology LT1081 Datasheet HTML 6Page - Linear Technology LT1081 Datasheet HTML 7Page - Linear Technology LT1081 Datasheet HTML 8Page - Linear Technology LT1081 Datasheet HTML 9Page - Linear Technology LT1081 Datasheet HTML 10Page - Linear Technology LT1081 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1080/LT1081
10801fe
APPLICATIO S I FOR ATIO
When driving CMOS logic from a receiver that will be used
in the SHUTDOWN mode and there is no other active
receiver on the line, a 51k resistor can be placed from the
logic input to VCC to force a definite logic level when the
receiver output is in a high impedance state.
The generated driver supplies (V+ and V) may be used to
power external circuitry such as other RS232 drivers or op
amps. They should be loaded with care, since excessive
loading can cause the generated supply voltages to drop,
causing the RS232 driver output voltages to fall below
RS232 requirements. See the graph “Supply Generator
Outputs” for a comparison of generated supply voltage
versus supply current.
1080/81 F08
DRIVER
V+
3
EXTERNAL OP AMP
LT1080
V
V+
V
7
1
µF
1
µF
+
GND
16
+
TYPICAL APPLICATIO
To protect against receiver input overloads in excess of
±30V, a voltage clamp can be placed on the data line and
still maintain RS232 compatibility.
RS232
INPUT
RECEIVER
LOGIC
OUTPUT
1080/81 F067
5k
1k*
30V
30V
* A PTC THERMISTOR WILL ALLOW
CONTINUOUS OVERLOAD OF GREATER THAN
±100V
Operating with 5V and 12V
LOGIC
INPUTS
LOGIC
OUTPUTS
ON/OFF
18
10
13
11
12
6
5
4
2
16
9
14
8
15
7
3
17
5V INPUT
12V INPUT*
–12V OUTPUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
1080/81 • TA03
5k
5k
LT1080
1
µF
1
µF
* PIN 1 USED ON LT1081.
1080/81 F06
RS232
INPUT
ON/OFF
INPUT
LT1080
RECEIVER
CMOS
LOGIC
LOGIC
OUTPUT
VCC
51k*
* FORCES LOGIC INPUT STATE WHEN VON/OFF IS LOW


Similar Part No. - LT1081

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1081 LINER-LT1081 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081C LINER-LT1081C Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081CJ LINER-LT1081CJ Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081CN LINER-LT1081CN Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081CSW LINER-LT1081CSW Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results

Similar Description - LT1081

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
logo
Linear Integrated Syste...
LT1180 LINEAR-LT1180_1 Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com