Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1081 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1081
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081 Datasheet(HTML) 4 Page - Linear Technology

  LT1081_15 Datasheet HTML 1Page - Linear Technology LT1081_15 Datasheet HTML 2Page - Linear Technology LT1081_15 Datasheet HTML 3Page - Linear Technology LT1081_15 Datasheet HTML 4Page - Linear Technology LT1081_15 Datasheet HTML 5Page - Linear Technology LT1081_15 Datasheet HTML 6Page - Linear Technology LT1081_15 Datasheet HTML 7Page - Linear Technology LT1081_15 Datasheet HTML 8Page - Linear Technology LT1081_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1080/LT1081
10801fe
PI FU CTIO S (Pin numbers refer to LT1080)
TEMPERATURE (
°C)
–55
–25
0
25
50
75
100
125
1080/81 G01
10
8
6
4
2
0
–2
–4
–6
–8
–10
VCC = 5.5V
VCC = 4.5V
RL = 3k
OUTPUT HIGH
VCC = 5.5V
VCC = 4.5V
OUTPUT LOW
VCC = 5V
VCC = 5V
TIME (ms)
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
1080/81 G03
10
8
6
4
2
0
–2
–4
–6
–8
–10
V+ SUPPLY
VCC = 5V
C1 TO C4 = 1
µF
RL = 4.7k; V
+ TO V
VSUPPLY
OUTPUT CURRENT (mA)
02468
10 12 14 16 18 20
1080/81 G02
10
8
6
4
2
0
–2
–4
–6
–8
–10
VCC = 5V
V+ OUTPUT VOLTAGE
LOADED TO V
LOADED TO GROUND
LOADED TO GROUND
LOADED TO V+
VOUTPUT VOLTAGE
Driver Output Voltage
Supply Generator Outputs
Supply Generation from VCC
or Shutdown
C1+; C1; C2+; C2(Pins 2, 4, 5, 6): Requires an external
capacitor (
≥1µF) from C1+ to C1and another from C2+
to C2. Pin 2 can be used for connecting a second positive
supply. When a separate positive supply is used, C1 can be
deleted.
V+ (Pin 3): Positive Supply for RS232 Drivers.
V+
≈ 2VCC – 1.5V. Requires an exterenal capacitor (≥1µF)
for charge storage. May be loaded (up to 15mA) for
external system use. Loading does reduce V+ voltage (see
graphs). Capacitor may be tied to ground or +5V input
supply. With multiple transceivers, the V+ and Vpins may
be paralleled into common capacitors.
V(Pin 7): Negative Supply for RS232 Drivers.
V
≈ –(2VCC – 2.5V). Requires an external capacitor
(
≥1µF) for charge stroage. May be loaded (up to –15mA)
for external system use. Loading does reduce Vvoltage
(see graphs). With multiple transceivers, the V+ and V
pins may be paralleled into common capacitors.
TR2 OUT; TR1 OUT (Pins 8, 15): Driver Outputs with
RS232 Voltage Levels. Outputs are in a high impedance
state when in the SHUTDOWN mode or when power is off
(VCC = 0V) to allow data line sharing. Outputs are fully
short-circuit protected from (V+ 30V) to (V+ – 30V) with
power on, off or in the SHUTDOWN mode. Typical output
breakdowns are greater than
±45V and higher applied
voltages will not damage the device if moderately current
limited. Shorting one output will affect output from the
other.
REC2 IN; REC1 IN (Pins 9, 14): Receiver Inputs. Accepts
RS232 voltage levels (
±30V) and has 0.4V of hysteresis to
provide noise immunity. Input impedance is nominally
5k
Ω.
REC2 OUT; REC1 OUT (Pins 10, 13): Receiver Outputs
with TTL/CMOS Voltage Levels. Outputs are in a high
impedance state when in the SHUTDOWN mode to allow
data line sharing. Outputs are fully short-circuit protected
to ground or VCC with power on, off or in the SHUTDOWN
mode.
TR2 IN; TR1 IN (Pins 11, 12): RS232 Driver Input Pins.
Inputs are TTL/CMOS compatible. Inputs should not be
allowed to float. Tie unused inputs to VCC.
GND (Pin 16): Ground Pin.
VCC (Pin 17): Input Supply Pin. Supply current drops to
zero in the SHUTDOWN mode.
ON/OFF (Pin 18): Contols the operation mode of the
LT1080 and is TTL/CMOS compatible. A logic low puts the
device in the SHUTDOWN mode which reduces input
supply current to zero and places both driver and receiver
outputs in a high impedance state. A logic high fully
enables the device.
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1081_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1081C LINER-LT1081C Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081CJ LINER-LT1081CJ Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081CN LINER-LT1081CN Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081CSW LINER-LT1081CSW Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081I LINER-LT1081I Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results

Similar Description - LT1081_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
logo
Linear Integrated Syste...
LT1180 LINEAR-LT1180_1 Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com