Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P03600220LA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P03600220LA
Description  Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Left Angle IEC-320-C20), 2-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P03600220LA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P03600220LA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P03600220LA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - P03600220LA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P03600220RA TRIPPLITE-P03600220RA Datasheet
472Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Right Angle IEC-320-C20), 2-ft
More results

Similar Description - P03600220LA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P03600219LA TRIPPLITE-P03600219LA Datasheet
468Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (Left Angle IEC-320-C19 to IEC-320-C20), 2-ft
P036002 TRIPPLITE-P036002 Datasheet
479Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 2-ft
P036010 TRIPPLITE-P036010 Datasheet
477Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20) 10-ft
P036006 TRIPPLITE-P036006 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-ft
P03600219RA TRIPPLITE-P03600219RA Datasheet
469Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (Right Angle IEC-320-C19 to IEC-320-C20), 2-ft
P03600220RA TRIPPLITE-P03600220RA Datasheet
472Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Right Angle IEC-320-C20), 2-ft
P0360026 TRIPPLITE-P0360026 Datasheet
481Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-pack, 2-ft
P0360062C19 TRIPPLITE-P0360062C19 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Y Splitter Cord, 20A, 12AWG (2x IEC-320-C19 to IEC-320-C20), 6-ft
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com