Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P03600219RA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P03600219RA
Description  Heavy-Duty Power Extension Cord, 20A, 12AWG (Right Angle IEC-320-C19 to IEC-320-C20), 2-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P03600219RA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P03600219RA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P03600219RA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 20A, 12AWG
(Right Angle IEC-320-C19 to IEC-320-C20), 2-ft.
MODEL NUMBER: P036-002-19RA
Description
Use Tripp Lite's P036-002 in server applications that require a higher rated, heavier gauge cable. C19 Right Angle to C20 connectors, 3 x 12ga (3.31mm²)
conductors, 20AMP rated, 100-250V - ideal for use with Blade Server Chassis.
Features
Molded, Heavy-Duty Power Cord, 2 ft.
IEC-60320-C19 Right Angle to IEC-60320-C20
12AWG (3.31mm²) x 3C, SJTW, 20A, 100-250Volt
RoHS Approved
Specifications
INPUT
Cable Length (ft.)
2
Cable Length (m)
0.61
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C20
Connector B
IEC-320-C19 - RIGHT ANGLE
Number of Connectors
2
Highlights
C19 Right Angle to C20 Power
Cord, 2 ft.
12AWG (3.31mm²) x 3C, 20 Amp
Rated, 100-250V
RoHS Approved
Package Includes
C19 Right Angle to C20 Power
Cord, 2 ft.
1 / 2


Similar Part No. - P03600219RA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P03600219LA TRIPPLITE-P03600219LA Datasheet
468Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (Left Angle IEC-320-C19 to IEC-320-C20), 2-ft
More results

Similar Description - P03600219RA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P036002 TRIPPLITE-P036002 Datasheet
479Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 2-ft
P03600220RA TRIPPLITE-P03600220RA Datasheet
472Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Right Angle IEC-320-C20), 2-ft
P036010 TRIPPLITE-P036010 Datasheet
477Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20) 10-ft
P036006 TRIPPLITE-P036006 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-ft
P03600220LA TRIPPLITE-P03600220LA Datasheet
470Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Left Angle IEC-320-C20), 2-ft
P03600219LA TRIPPLITE-P03600219LA Datasheet
468Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (Left Angle IEC-320-C19 to IEC-320-C20), 2-ft
P0360026 TRIPPLITE-P0360026 Datasheet
481Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-pack, 2-ft
P0360062C19 TRIPPLITE-P0360062C19 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Y Splitter Cord, 20A, 12AWG (2x IEC-320-C19 to IEC-320-C20), 6-ft
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com