Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KIA75S558F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KIA75S558F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE LOW NOISE OPERATIONAL AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KIA75S558F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2001. 6. 22
3/3
KIA75S558F
Revision No : 0
20
1
V
G
FREQUENCY f
100k
1M
100
1k
10k
- f
(Hz)
SUPPLY VOLTAGE V
-15
-5
0
18
30
1k
300
100
10
V
- f
NI
1
5
30
1000
310
V
-V
,V
OM
12
LOAD RESISTANCE R
0.1
50
100
300
500
-10
5
6
8
10
12
14
16
100
10
0
24
8
1
16
10k
100k
1M
1k
60
20
0
-20
-40
-60
30
I
I
80
50
40
20
AMBIENT TEMPERATURE Ta ( C)
-
Ta
40
60
80
100
10
10M
16
20
24
28
32
0.3 0.5
1
3
5
10
0
120
L (kΩ)
(Hz)
FREQUENCY f
CC VEE ( V)
10
(Hz)
FREQUENCY f
80
70
60
100
40
Ta=25 C
Ta=25 C
Rg=50
R =2k
Ta=25 C
EE
V
=-15V
CC
V
=15V
L
V
=15V
CC
V
=-15V
EE
EE
V
=-15V
CC
V
=15V
V
=15V
CC
V
=-15V
EE
Ta=25 C
Ta=25 C
EE
V
=-15V
CC
V
=15V
CC
EE
15
L
R =2k
R =40
0
L
L
R =400
R =2k
L
P-P -
O
VRL
P-P
O
V
- f
+_


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn