Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KIA75S358F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part No. KIA75S358F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA75S358F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA75S358F Datasheet HTML 1Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 2Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 3Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2002. 3. 7
4/4
KIA75S358F
Revision No : 3
0
TIME t (
µs)
V
, V
- t
IN
0
10
20
30
40
OUT
1
2
3
0
2
4
R
2k
V =15V
L >
=
+
1
3
5
1k
FREQUENCY f (Hz)
100k
1M
OUTPUT CURRENT (SOURCE)
OUT
0
250
V
- I
OH
V
- t
020
30
40
10
15
20
10k
0
8
6
4
2
0
50
0
450
350
550
TIME t (
µs)
V
=30V, V
=GND
Ta=25 C, C =50pF
INPUT
OUTPUT
CC
EE
L
10
1
2
3
4
5
OH
I
(mA)
OH
V
=5V
CC
5
4
3
2
1
0
OL
I
(mA)
10
50
40
30
20
0
OUTPUT CURRENT (SINK)
OL
OL
V
- I
CC
V
=5V
+
OUT
V
100k
IN
V
7V
1k
15V
V
- f
O P-P
_


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn