Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KIA75S358F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KIA75S358F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA75S358F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA75S358F Datasheet HTML 1Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 2Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 3Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 3. 7
3/4
KIA75S358F
Revision No : 3
0
SUPPLY VOLTAGE V
(V)
V
- I
CC
0
10
20
30
40
I
25
50
75
100
Ta=25 C
0.5
2
SUPPLY VOLTAGE V
(V)
68
AMBIENT TEMPERATURE Ta ( C)
CC
0
40
I
- Ta
SOURCE
V
- G
-20
20
60
40
4
0.1
40
30
20
10
0
80
30
120
80
160
SUPPLY VOLTAGE V
(V)
R =20k
R =2k
L
L
0
40
50
60
70
100
80
60
40
20
0
1k
1M
100k
10k
100
FREQUENCY f (Hz)
CMRR - f
EE
V
=GND
V
- I
CC
CC
0.7
0.3
12
10
CC
Ta=-40 C
CC
V
CC
I SOURCE
+
120
120
G
- f
FREQUENCY f ( Hz)
0
100
1k
100k
10
0
20
40
60
80
100
10k
1M
140
10M
V
V=3
0V
V=1
0 ~
15
V
0.1uF
V
VIN
10M
VOUT
+
CC
2
VCC
_
_
Ta=25 C
Ta=85 C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn