Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KIA75S358F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KIA75S358F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA75S358F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA75S358F Datasheet HTML 1Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 2Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 3Page - KEC(Korea Electronics) KIA75S358F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 3. 7
2/4
KIA75S358F
Revision No : 3
VCC
6uA
6uA
100uA
-IN
Q1
Q2
Q3
Q4
Q8
Q9
Q10
Q11
Q12
Q13
VO
RSC
Q5
Q6
Q7
+IN
5uA
EQUIVALENT CIRCUIT
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
Rg 10k
-
2
7
mV
Input Offset Current
IIO
-
-
5
30
nA
Input Bias Current
II
-
-
45
150
nA
Common Mode Input Voltage
CMVIN
VCC=30V, VEE=GND
0
-
VCC-1.5
V
Supply Current
ICC, IEE
RL= , All OP Amps
-
0.4
0.8
mA
Voltage Gain
GV
RL 2k
86
100
-
dB
Maximum Output Voltage Swing
VOP-P
RL=2k
0
VCC-1.5
-
V
Common Mode Input Signal
Rejection Ratio
CMRR
-
60
85
-
dB
Supply Voltage Rejection Ratio
SVRR
Rg=10k
60
100
-
dB
Source Current
Isource
-IN=0VDC, +IN=1VDC
20
40
-
mA
Sink Current
Isink
-IN=1VDC, +IN=0VDC
10
20
-
mA
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25 )


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn