Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP30M Datasheet(PDF) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RGP30M
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RGP30M Datasheet(HTML) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RGP30M Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30M Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30M Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30M Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30M Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30M Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RGP30M Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
2DG1A
3JH61
2CZRU2
2CZRU4Z
2CZRG2
BYD33D
BYD33G
BYD33J
BYD33K
BYD33M
BYM36A
BYM36B
BYM36C
BYM36D
BYM36E
BYT52A
BYT52B
BYT52D
BYT52G
BYT52J
BYT52K
BYT52M
BYT56A
BYT56B
BYT56D
BYT56G
BYT56J
BYT56K
BYT56M
V
Test
A
300
600
600
200
400
200
200
400
600
800
100
200
400
600
800
100
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
0.3
1.5
1.0
2.0
1.2
1.0
1.3
1.3
1.3
1.3
1.3
3.0
3.0
3.0
3.0
3.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
20
60
20
70
50
50
30
30
30
30
30
150
150
150
150
150
40
40
40
40
40
40
40
150
150
150
150
150
150
150
1.3
1.4
1.2
1.3
1.5
1.2
1.3
1.3
1.3
1.3
1.3
1.6
1.6
1.6
1.8
1.8
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.4
1.4
1.4
1.4
1.4
1.4
1.4
0.3
3.0
1.0
2.0
1.2
1.0
1.0
1.0
1.0
1.0
1.0
3.0
3.0
3.0
3.0
3.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
5
10
10
10
500
5
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
10
10
10
10
10
10
10
DO-27
DO-27
DO-27
DO-27
DO-27
Trr
nS
1
1.5
0.2
0.2
0.1
5
0.25
0.25
0.25
0.3
0.3
100 n
100 n
100 n
100 n
100 n
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Test
IF=50mA
VR=10V
RL=75
IF=0.5A
IR=1.0A
IF=0.5A
IR=1.0A
IF=0.5A
IR=1.0A
IF=0.5A
IR=1.0A
DO-15/DO-41
DO-204AP
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-27
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
DO-27
2CZRMIZM
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - RGP30M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30M ZOWIE-RGP30M Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
RGP30M DIOTEC-RGP30M Datasheet
92Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
logo
General Semiconductor
RGP30M GE-RGP30M Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGP30M VISHAY-RGP30M Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Micro Commercial Compon...
RGP30M MCC-RGP30M Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results

Similar Description - RGP30M

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com