Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ626 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SJ626
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ626 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SJ626_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ626_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet D15962EJ1V0DS
3
2SJ626
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1
1.25
1.5
0
25
50
75
100
125
150
175
Mounted on FR-4 board
t
≤ 5 sec.
TA - Ambient Temperature -
°CTA - Ambient Temperature - °C
FORWARD BIAS SAFE OPERATING AREA
-0.01
-0.1
-1
-10
-0.1
-1
-10
-100
100 ms
10 ms
ID(pulse)
ID(DC)
PW = 1 ms
RDS(on) Limited
(VGS =
−10 V)
5 s
Single Pulse
Mounted on FR-4 board of
50 cm
2 x 1.1 mm
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1
10
100
1000
Single Pulse
Without board
Mounted on FR-4 board of
50 cm
2 x 1.1 mm
PW - Pulse Width - s
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - 2SJ626_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ626 NEC-2SJ626 Datasheet
65Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ626 RENESAS-2SJ626 Datasheet
200Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - 2SJ626_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com