Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-16 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC817-16
Description  NPN EPTTAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC817-16 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC817-16_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC817-16_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Typical Characteristics
I -COLLECTOR CURRENT(A)
C
Typical Pulsed Current Gain
vs Collector Current
I
COLLECTOR CURRENT (A)
c
Collector -Emitter Saturation
Voltage vs Collector Current
I -COLLECTOR CURRENT(mA)
C
Base-Emitter Saturation
Voltage vs Collector Current
Gain Bandwidth Product
vs Collector Current
I -COLLECTOR CURRENT(mA)
C
400
300
200
100
0
0.01
0.1
1
Vc =5V
E
125 C
o
25 C
o
-40 C
o
0.6
0.5
0.4
0.3
0.2
0.1
0
0.01
0.1
1 1.5
-40 C
o
25 C
o
125 C
o
1
0.8
0.6
0.4
1
10
100
1000
-40 C
o
25 C
o
125 C
o
Vc =10V
E
250
200
150
100
50
0
1
10
100
1000
B C 8 1 7 - 1 6 / - 2 5 / 4 0
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.,LTD
RoHS


Similar Part No. - BC817-16_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
   300mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_11 Datasheet
384Kb / 4P
   NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
   NPN Small Signal Transistor 310mW
logo
Taiwan Semiconductor Co...
BC817-16 TSC-BC817-16_14 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
logo
Diodes Incorporated
BC817-16 DIODES-BC817-16_16 Datasheet
375Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - BC817-16_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BC817-16 WINNERJOIN-BC817-16 Datasheet
225Kb / 2P
   NPN EPTTAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com