Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1732-4 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1732-4
Description  Lithium-Ion Linear Battery Charger Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1732-4 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1732-4_15 Datasheet HTML 4Page - Linear Technology LTC1732-4_15 Datasheet HTML 5Page - Linear Technology LTC1732-4_15 Datasheet HTML 6Page - Linear Technology LTC1732-4_15 Datasheet HTML 7Page - Linear Technology LTC1732-4_15 Datasheet HTML 8Page - Linear Technology LTC1732-4_15 Datasheet HTML 9Page - Linear Technology LTC1732-4_15 Datasheet HTML 10Page - Linear Technology LTC1732-4_15 Datasheet HTML 11Page - Linear Technology LTC1732-4_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1732-4/LTC1732-4.2
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Dimensions in inches (millimeters) unless otherwise noted.
MS10 Package
10-Lead Plastic MSOP
(LTC DWG # 05-08-1661)
PACKAGE DESCRIPTIO
MSOP (MS10) 1100
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.043
(1.10)
MAX
0.007 – 0.011
(0.17 – 0.27)
0.005
± 0.002
(0.13
± 0.05)
0.034
(0.86)
REF
0.0197
(0.50)
BSC
12 3 45
0.193
± 0.006
(4.90
± 0.15)
8
9
10
7 6
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)


Similar Part No. - LTC1732-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-4.2 LINER-LTC1732-4.2 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1732-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com