Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1732-4 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1732-4
Description  Lithium-Ion Linear Battery Charger Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1732-4 Datasheet(HTML) 1 Page - Linear Technology

  LTC1732-4_15 Datasheet HTML 1Page - Linear Technology LTC1732-4_15 Datasheet HTML 2Page - Linear Technology LTC1732-4_15 Datasheet HTML 3Page - Linear Technology LTC1732-4_15 Datasheet HTML 4Page - Linear Technology LTC1732-4_15 Datasheet HTML 5Page - Linear Technology LTC1732-4_15 Datasheet HTML 6Page - Linear Technology LTC1732-4_15 Datasheet HTML 7Page - Linear Technology LTC1732-4_15 Datasheet HTML 8Page - Linear Technology LTC1732-4_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1732-4/LTC1732-4.2
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
Lithium-Ion Linear
Battery Charger Controller
The LTC
®1732 is a complete constant-current/constant-
voltage linear charger controller for lithium-ion
(Li-Ion) batteries. Nickel-cadmium (NiCd) and nickel metal-
hydride (NiMH) batteries can also be charged with con-
stant current using external termination. Charge current
can be programmed with 7% (max) accuracy using exter-
nal sense and program resistors. An internal resistor
divider and precision reference set the final float voltage
with 1% accuracy. The SEL pin allows users to charge
either 4.1V or 4.2V cells.
When the input supply is removed, the LTC1732 automati-
cally enters a low current sleep mode, dropping the battery
drain current to 7
µA. An internal comparator detects the
end-of-charge (C/10) condition while a programmable
timer, using an external capacitor, sets the total charge
time. Fully discharged cells are automatically trickle charged
at 10% of the programmed current until cell voltage
exceeds 2.457V.
The LTC1732 begins a new charge cycle when a discharged
battery is connected to the charger or when the input power
is applied. In addition, if the battery remains connected to
the charger and the cell voltage drops below 3.8V for the
LTC1732-4 or below 4.05V for the LTC1732-4.2, a new
charge cycle will automatically begin.
The LTC1732 is available in the 10-pin MSOP package.
s
Complete Linear Charger Controller for 1-Cell
Lithium-Ion Batteries
s
Preset Charge Voltage with 1% Accuracy
s
Programmable Charge Current
s
C/10 Charge Current Detection Output
s
Programmable Charge Termination Timer
s
Small, Thin 10-Pin MSOP Package
s
Select Pin Charges 4.1V or 4.2V Cells (LTC1732-4)
s
Input Supply (Wall Adapter) Detection Output
s
4.5V to 12V Input Voltage Range
s
Automatic Sleep Mode When Input Supply
is Removed (Only 7
µA Battery Drain)
s
Automatic Trickle Charge of Low Voltage Cells
s
Programmable for Constant-Current-Only Mode
s
Battery Insertion Detect
s
4.05V Recharge Threshold for 4.2V Cells
(LTC1732-4.2)
s
3.8V Recharge Threshold for 4.1V or 4.2V Cells
(LTC1732-4)
s
Cellular Phones
s
Handheld Computers
s
Charging Docks and Cradles
, LTC and LT are registered trademarks of Linear Technology Corporation.
Single Cell 4.2V Li-Ion Battery Charger
VCC
VIN = 6V
SENSE
DRV
R2
1k
R1
1k
RSENSE
0.2
RPROG*
19.6k
4.2V
Li-Ion
CELL
LTC1732-4
*SHUTDOWN INVOKED BY FLOATING THE PROG PIN
BAT
CHRG
9
8
2
MBRM120T3
10
µF
1732 TA01
1
µF
IBAT = 500mA
CTIMER
0.1
µF
Q1
Si9430DY
7
1
6
5
+
3
10
4
ACPR
TIMER
PROG
GND
SEL


Similar Part No. - LTC1732-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-4.2 LINER-LTC1732-4.2 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1732-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com