Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD3798CY Datasheet(PDF) 6 Page - NEC

Part # UPD3798CY
Description  5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3798CY Datasheet(HTML) 6 Page - NEC

Back Button UPD3798CY Datasheet HTML 2Page - NEC UPD3798CY Datasheet HTML 3Page - NEC UPD3798CY Datasheet HTML 4Page - NEC UPD3798CY Datasheet HTML 5Page - NEC UPD3798CY Datasheet HTML 6Page - NEC UPD3798CY Datasheet HTML 7Page - NEC UPD3798CY Datasheet HTML 8Page - NEC UPD3798CY Datasheet HTML 9Page - NEC UPD3798CY Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
µPD3798
6
DATA SHEET S14314EJ1V0DS00
ELECTRICAL CHARACTERISTICS
TA = +25
°C, VOD = 12 V, data rate (fφRB) = 1 MHz, storage time = 5.5 ms, input signal clock = 5 Vp-p
light source: 3200 K halogen lamp +C-500S (infrared cut filter, t = 1mm) + HA-50 (heat absorbing filter, t = 3 mm)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturation voltage
Vsat
2.0
2.5
V
Saturation exposure
Red
SER
0.223
lx•s
Green
SEG
0.245
lx•s
Blue
SEB
0.409
lx•s
Photo response non-uniformity
PRNU
VOUT = 1.0 V
6
20
%
Average dark signal
ADS
Light shielding
0.2
2.0
mV
Dark signal non-uniformity
DSNU
Light shielding
1.5
3.0
mV
Power consumption
PW
360
540
mW
Output impedance
ZO
0.5
1
k
Response
Red
RR
7.8
11.2
14.6
V/lx•s
Green
RG
7.1
10.2
13.3
V/lx•s
Blue
RB
4.2
6.1
8.0
V/lx•s
Image lag
IL
VOUT = 1.0 V
1.5
7.0
%
Offset level Note1
VOS
4.0
5.5
7.0
V
Output fall delay time Note2
td
VOUT = 1.0 V
40
ns
Total transfer efficiency
TTE
VOUT = 1.0 V,
92
98
%
data rate = 5 MHz
Response peak
Red
630
nm
Green
540
nm
Blue
460
nm
Dynamic range
DR1
Vsat /DSNU
1666
times
DR2
Vsat /
σ
2500
times
Reset feed-through noise Note1
RFTN
Light shielding
–1000
–300
+500
mV
Random noise
σ
Light shielding
1.0
mV
Notes 1. Refer to TIMING CHART 2.
2. When the fall time of
φ1 (t1) is the TYP. value (refer to TIMING CHART 2).


Similar Part No. - UPD3798CY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3798CY RENESAS-UPD3798CY Datasheet
291Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD3798CY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
   5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3799 NEC-UPD3799 Datasheet
114Kb / 20P
   5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3719 NEC-UPD3719 Datasheet
147Kb / 20P
   10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com