Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1661 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1661
Description  Micropower Dual 10-Bit DAC in MSOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1661 Datasheet(HTML) 1 Page - Linear Technology

  LTC1661_15 Datasheet HTML 1Page - Linear Technology LTC1661_15 Datasheet HTML 2Page - Linear Technology LTC1661_15 Datasheet HTML 3Page - Linear Technology LTC1661_15 Datasheet HTML 4Page - Linear Technology LTC1661_15 Datasheet HTML 5Page - Linear Technology LTC1661_15 Datasheet HTML 6Page - Linear Technology LTC1661_15 Datasheet HTML 7Page - Linear Technology LTC1661_15 Datasheet HTML 8Page - Linear Technology LTC1661_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC1661
1
1661fa
BLOCK DIAGRAM
FEATURES
DESCRIPTION
Micropower Dual
10-Bit DAC in MSOP
The LTC®1661 integrates two accurate, serially address-
able, 10-bit digital-to-analog converters (DACs) in a single
tiny MS8 package. Each buffered DAC draws just 60µA
total supply current, yet is capable of supplying DC output
currents in excess of 5mA and reliably driving capacitive
loads up to 1000pF. Sleep mode further reduces total
supply current to a negligible 1µA.
Linear Technology’s proprietary, inherently monotonic
voltage interpolation architecture provides excellent lin-
earity while allowing for an exceptionally small external
form factor. The double-buffered input logic provides
simultaneous update capability and can be used to write
to either DAC without interrupting sleep mode.
Ultralow supply current, power-saving sleep mode and
extremely compact size make the LTC1661 ideal for
battery-powered applications, while its straightforward
usability, high performance and wide supply range make
it an excellent choice as a general purpose converter.
For additional outputs and even greater board density,
please refer to the LTC1660 micropower octal DAC for
10-bit applications. For 8-bit applications, please consult
the LTC1665 micropower octal DAC.
Differential Nonlinearity (DNL)
APPLICATIONS
n
Tiny: Two 10-Bit DACs in an 8-Lead MSOP—
Half the Board Space of an SO-8
n
Micropower: 60µA per DAC
Sleep Mode: 1µA for Extended Battery Life
n
Rail-to-Rail Voltage Outputs Drive 1000pF
n
Wide 2.7V to 5.5V Supply Range
n
Double Buffered for Independent or Simultaneous
DAC Updates
n
Reference Range Includes Supply for Ratiometric
0V-to-VCC Output
n
Reference Input Has Constant Impedance over All
Codes (260kΩ Typ)—Eliminates External Buffers
n
3-Wire Serial Interface with Schmitt Trigger Inputs
n
Differential Nonlinearity: ≤±0.75LSB Max
n
Mobile Communications
n
Digitally Controlled Amplifiers and Attenuators
n
Portable Battery-Powered Instruments
n
Automatic Calibration for Manufacturing
n
Remote Industrial Devices
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
CS/LD
1661 BD
1
4
10-BIT
DAC A
10-BIT
DAC B
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
SCK
2
DIN
REF
3
VOUT A
8
5
GND
7
VCC
VOUT B
6
CODE
0
256
512
768
1023
1661 G02
0.75
–0.75
0.60
0.40
0.20
0
–0.20
–0.40
–0.60


Similar Part No. - LTC1661_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1661C LINER-LTC1661C Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661CMS8 LINER-LTC1661CMS8 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661CN8 LINER-LTC1661CN8 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661I LINER-LTC1661I Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661IMS8 LINER-LTC1661IMS8 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
More results

Similar Description - LTC1661_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662_15 Datasheet
230Kb / 16P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662 Datasheet
185Kb / 12P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662_1 Datasheet
192Kb / 12P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com