Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1661 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1661
Description  Micropower Dual 10-Bit DAC in MSOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1661 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1661_15 Datasheet HTML 5Page - Linear Technology LTC1661_15 Datasheet HTML 6Page - Linear Technology LTC1661_15 Datasheet HTML 7Page - Linear Technology LTC1661_15 Datasheet HTML 8Page - Linear Technology LTC1661_15 Datasheet HTML 9Page - Linear Technology LTC1661_15 Datasheet HTML 10Page - Linear Technology LTC1661_15 Datasheet HTML 11Page - Linear Technology LTC1661_15 Datasheet HTML 12Page - Linear Technology LTC1661_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC1661
9
1661fa
OPERATION
Table 2. DAC Control Functions
CONTROL
INPUT REGISTER
STATUS
DAC REGISTER
STATUS
POWER-DOWN STATUS
(SLEEP/WAKE)
COMMENTS
A3 A2 A1 A0
0
0
0
0
No Change
No Update
No Change
No Operation. Power-Down Status Unchanged
(Part Stays in Wake or Sleep Mode)
0
0
0
1
Load DAC A
No Update
No Change
Load Input Register A with Data. DAC Outputs
Unchanged. Power-Down Status Unchanged
0
0
1
0
Load DAC B
No Update
No Change
Load Input Register B with Data. DAC Outputs
Unchanged. Power-Down Status Unchanged
0
0
1
1
Reserved
0
1
0
0
Reserved
0
1
0
1
Reserved
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
No Change
Update Outputs
Wake
Load Both DAC Regs with Existing Contents of Input
Regs. Outputs Update. Part Wakes Up
1
0
0
1
Load DAC A
Update Outputs
Wake
Load Input Reg A. Load DAC Regs with New Contents
of Input Reg A and Existing Contents of Reg B. Outputs
Update. Part Wakes Up
1
0
1
0
Load DAC B
Update Outputs
Wake
Load Input Reg B. Load DAC Regs with Existing
Contents of Input Reg A and New Contents of Reg B.
Outputs Update. Part Wakes Up
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
No Change
No Update
Wake
Part Wakes Up. Input and DAC Regs Unchanged. DAC
Outputs Reflect Existing Contents of DAC Regs
1
1
1
0
No Change
No Update
Sleep
Part Goes to Sleep. Input and DAC Regs Unchanged.
DAC Outputs Set to High Impedance State
1
1
1
1
Load DACs A, B with
Same 10-Bit Code
Update Outputs
Wake
Load Both Input Regs. Load Both DAC Regs with New
Contents of Input Regs. Outputs Update. Part Wakes Up
DIN
SCK
CS/LD
A3
A2
INPUT CODE
DON’T CARE
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X1
X0
1661 F01
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
(SCK ENABLED)
(LTC1661
RESPONDS)
CONTROL CODE
INPUT WORD W0
Figure 1. Register Loading Sequence


Similar Part No. - LTC1661_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1661C LINER-LTC1661C Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661CMS8 LINER-LTC1661CMS8 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661CN8 LINER-LTC1661CN8 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661I LINER-LTC1661I Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661IMS8 LINER-LTC1661IMS8 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
More results

Similar Description - LTC1661_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662_15 Datasheet
230Kb / 16P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662 Datasheet
185Kb / 12P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662_1 Datasheet
192Kb / 12P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com