Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1574-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1574-5
Description  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1574-5 Datasheet(HTML) 6 Page - Linear Technology

  LTC1574-5_15 Datasheet HTML 1Page - Linear Technology LTC1574-5_15 Datasheet HTML 2Page - Linear Technology LTC1574-5_15 Datasheet HTML 3Page - Linear Technology LTC1574-5_15 Datasheet HTML 4Page - Linear Technology LTC1574-5_15 Datasheet HTML 5Page - Linear Technology LTC1574-5_15 Datasheet HTML 6Page - Linear Technology LTC1574-5_15 Datasheet HTML 7Page - Linear Technology LTC1574-5_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1574
LTC1574-3.3/LTC1574-5
For COUT, the RMS current rating should be at least:
I
I
A
RMS
PEAK
RMS
()
=
2
300mA
Absolute Maximum Ratings and Latchup Prevention
The absolute maximum ratings specify that SW
(Pins 3, 14) can never exceed VIN (Pin 5) by more than
0.3V. Normally this situation should never occur. It could,
however, if the output is held up while the supply is pulled
down. A condition where this could potentially occur is
when a battery is supplying power to an LTC1574 regula-
tor and also to one or more loads in parallel with the the
regulator’s VIN. If the battery is disconnected while the
LTC1574 regulator is supplying a light load and one of the
parallel circuits is a heavy load, the input capacitor of the
LTC1574 regulator could be pulled down faster than the
output capacitor, causing the absolute maximum ratings
to be exceeded. The result is often a latchup which can be
destructive if VIN is reapplied. Battery disconnect is pos-
sible as a result of mechanical stress, bad battery contacts
or use of a lithium-ion battery with a built-in internal
disconnect. The user needs to assess his/her application
to determine whether this situation could occur. If so,
additional protection is necessary.
Prevention against latchup can be accomplished by
simply connecting a Schottky diode across the SW and
VIN pins as shown in Figure 7. The diode will normally be
reverse biased unless VIN is pulled below VOUT at which
time the diode will clamp the (VOUT – VIN) potential to less
than the 0.6V required for latchup. Note that a low
leakage Schottky should be used to minimize the effect
inductor L1 is chosen for its excellent self-shielding prop-
erties. Open magnetic structures such as drum and rod
cores are to be avoided since they inject high flux levels
into their surroundings. This can become a major source
of noise in any converter circuit.
Design Example
As a design example, assume VIN = 9V (nominal),
VOUT = 5V and IOUT = 350mA maximum. The LTC1574-5
is used for this application with IPGM (Pin 6) connected to
VIN. The minimum value of L is determined by assuming
the LTC1574-5 is operating in continuous mode.
Figure 6. Continuous Inductor Current
With IOUT = 350mA and IPEAK = 0.6A (IPGM = VIN), IV = 0.1A.
The peak-to-peak ripple inductor current, IRIPPLE, is 0.5A
and is also equal to:
I
VV
L
RIPPLE
OUT
D
=
+

 ()
410 6
AP-P
Solving for L in the above equation and with VD = 0.5V,
L = 44
µH. The next higher standard value of L is 50µH
(example: Coiltronics CTX50-4). The operating frequency,
ignoring voltage across diode VD is:
f
V
V
kHz
OUT
IN
≈−


=
2 5 10 1
111
5
.•
With the value of L determined, the requirements for CIN
and COUT are calculated. For CIN, its RMS current rating
should be at least:
I
IV
V
V
V
A
mA
RMS
OUT
OUT
IN
OUT
IN
RMS
=
()
[] ()
=
12
174
/
TIME
IPEAK
IV
AVG CURRENT = IOUT
=
= 350mA
IPEAK + IV
2
1574 • F06
APPLICATIO S I FOR ATIO
1574 F07
VIN
VOUT
LATCHUP
PROTECTION
SCHOTTKY
SW
LTC1574
+
Figure 7. Preventing Absolute Maximum
Ratings from Being Exceeded


Similar Part No. - LTC1574-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1574-5 LINER-LTC1574-5 Datasheet
226Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
More results

Similar Description - LTC1574-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1574 LINER-LTC1574 Datasheet
226Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-3.3 LINER-LTC1574-3.3_15 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574 LINER-LTC1574_1 Datasheet
182Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574 LINER-LTC1574_15 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2_15 Datasheet
202Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
196Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15066 MAXIM-MAX15066 Datasheet
1Mb / 21P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-5224; Rev 5; 1/15
MAX18066 MAXIM-MAX18066 Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com