Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P058006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P058006
Description  2-Prong European Computer Power Cord (C5 to SCHUKO CEE 7-7), 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P058006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-Prong European Computer Power Cord (C5 to
SCHUKO CEE 7/7), 6-ft.
MODEL NUMBER: P058-006
Description
Tripp Lite Heavy Duty 6-ft. C5 to Schuko CEE 7/7 Power Cord. Constructed with H05VV-F 3G 1.0mm² wire, fully molded ends, and 250V/2.5A rating.
Features
Molded Heavy Duty Power Cord, 6-ft.
C5 to Schuko CEE 7/7 European Plug
H05VV-F 3G 1.0mm² Cable
250V/2.5A
Specifications
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
PHYSICAL
Color
Black
CONNECTIONS
Connector A
CEE 7/7 SHUKO PLUG
Connector B
IEC-320-C5
WARRANTY
Highlights
C5 to Schuko CEE 7/7 Power
Cord, 6-ft.
H05VV-F 3G 1.0mm² Wire
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn