Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD3798 Datasheet(PDF) 11 Page - NEC

Part # UPD3798
Description  5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3798 Datasheet(HTML) 11 Page - NEC

Back Button UPD3798 Datasheet HTML 7Page - NEC UPD3798 Datasheet HTML 8Page - NEC UPD3798 Datasheet HTML 9Page - NEC UPD3798 Datasheet HTML 10Page - NEC UPD3798 Datasheet HTML 11Page - NEC UPD3798 Datasheet HTML 12Page - NEC UPD3798 Datasheet HTML 13Page - NEC UPD3798 Datasheet HTML 14Page - NEC UPD3798 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
µPD3798
11
DATA SHEET S14314EJ1V0DS00
DEFINITIONS OF CHARACTERISTIC ITEMS
1.
Saturation voltage: Vsat
Output signal voltage at which the response linearity is lost.
2.
Saturation exposure: SE
Product of intensity of illumination (IX) and storage time (s) when saturation of output voltage occurs.
3.
Photo response non-uniformity: PRNU
The output signal non-uniformity of all the valid pixels when the photosensitive surface is applied with the light
of uniform illumination. This is calculated by the following formula.
4.
Average dark signal: ADS
Average output signal voltage of all the valid pixels at light shielding. This is calculated by the following formula.
5.
Dark signal non-uniformity: DSNU
Absolute maximum of the difference between ADS and voltage of the highest or lowest output pixel of all the valid
pixels at light shielding. This is calculated by the following formula.
x
Register Dark
DC level
VOUT
∆x
ADS
DSNU
Register Dark
DC level
VOUT
PRNU (%) =
x =
xj : Output voltage of valid pixel number j
∆x
∆x : maximum of xj − x 
x
5348
Σ
j=1
5348
xj
× 100
ADS (mV) =
dj : Dark signal of valid pixel number j
5348
Σ
j=1
5348
dj
dj : Dark signal of valid pixel number j
DSNU (mV) : maximum of
dj − ADS j = 1 to 5348


Similar Part No. - UPD3798

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3798 RENESAS-UPD3798 Datasheet
291Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
UPD3798CY RENESAS-UPD3798CY Datasheet
291Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD3798

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
   5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3799 NEC-UPD3799 Datasheet
114Kb / 20P
   5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3719 NEC-UPD3719 Datasheet
147Kb / 20P
   10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com