Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGXRY-521E-S2-T150 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LGXRY-521E-S2-T150
Description  High Power Light LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGXRY-521E-S2-T150 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LGXRY-521E-S2-T150 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGXRY-521E-S2-T150 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1/11
Features
Typical Applications
Page
Dimension
Recommended Solder Patter
*. Automotive Exterior (Stop-Tail-Tum,CHMSL,Mirror Side Repeat).
*. Traffic signaling / Beacons / Rail crossing and Wayside lighting.
*. Fiber Optic Alternative / Decorative / Entertainment lighting.
*. Instant light(less than 100 ns).
*. Fully dimmable.
*. No UV.
*. Security / Garden lighting.
*. Sign and channel Letter.
*. Decorative.
*. Cove / Undershelf / Task lighting.
*. High Flux per LED
*. Available in Yellow.
*. Low voltage DC operated..
*. Cool beam, safe to the touch.
*. Very long operating life(up to 100k hours).
*. More Energy Efficient than lncandescent and most Halogen lamps.
*. Reading Light (car,bus,aircraft)
*. Mini-accent / Uplighters / Downlighters / Orientation lighting
*. LCD Backlights / Light Guides.
*. Portable(flashlight,bicycle).
*. Commercial and Residential Architectural lighting.
Note : 1.All dimension are in millimeter tolerance is ±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
1.6
5.0
0.2
1.0
4.2
2.2
1.6
1.3
7.4
5.0
Note : The tolerances unless mentioned is ±0.1mm,Unit=mm.
2
3
1
4
5
6
3
4
1.0
1.0
7.9
1.2
1.2
1.2
0.4
0.4
3.75
2
5
R
Y
Anode


Similar Part No. - LGXRY-521E-S2-T150

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXRY-521E-T150 LIGITEK-LGXRY-521E-T150 Datasheet
314Kb / 12P
   High Power Light LED
More results

Similar Description - LGXRY-521E-S2-T150

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXRY-521E-T150 LIGITEK-LGXRY-521E-T150 Datasheet
314Kb / 12P
   High Power Light LED
LGX12NAS-521E-T75-A02 LIGITEK-LGX12NAS-521E-T75-A02 Datasheet
276Kb / 12P
   High Power Light LED
LGXR-521E-T150 LIGITEK-LGXR-521E-T150 Datasheet
308Kb / 11P
   High Power Light LED
LGX2WAS-521E-A01 LIGITEK-LGX2WAS-521E-A01 Datasheet
370Kb / 12P
   High Power Light LED
LGXY-521E-T350 LIGITEK-LGXY-521E-T350 Datasheet
284Kb / 11P
   High Power Light LED
LGXR-521E-T350 LIGITEK-LGXR-521E-T350 Datasheet
260Kb / 11P
   High Power Light LED
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
LOPL-E011RA LITEON-LOPL-E011RA Datasheet
237Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com