Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGL2V-531E-HV140 Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LGL2V-531E-HV140
Description  3W Power Light LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGL2V-531E-HV140 Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LGL2V-531E-HV140 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 13Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 14Page - LIGITEK electronics co., ltd. LGL2V-531E-HV140 Datasheet HTML 15Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Ambient Temperature (ºC)
Fig.5 Thermal Design
10/14
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0
20
40
60
Ta[°C]
100
40
20
80
60
80
100
120
20
0
0
80
60
40
10
120
100
20
30
40
Fig.6 Relativa lntensity @ vs Ambient Temperature


Similar Part No. - LGL2V-531E-HV140

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
386Kb / 20P
   Version 1.0 (Replacement in due course)
LGL29K-F2H1-24 OSRAM-LGL29K-F2H1-24 Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K-F2H1-24 OSRAM-LGL29K-F2H1-24 Datasheet
423Kb / 20P
   LCD Backlighting
LGL29K-F2J1-24 OSRAM-LGL29K-F2J1-24 Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LGL2V-531E-HV140

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
LGFLW-313E1-1 LIGITEK-LGFLW-313E1-1 Datasheet
291Kb / 14P
   3W Power Light LED
LGLG-313E LIGITEK-LGLG-313E Datasheet
186Kb / 12P
   3W Power Light LED
LGLV-313E LIGITEK-LGLV-313E Datasheet
194Kb / 13P
   3W Power Light LED
LGSW-313E LIGITEK-LGSW-313E Datasheet
143Kb / 10P
   3W Power Light LED
LGLB-313E LIGITEK-LGLB-313E Datasheet
183Kb / 12P
   3W Power Light LED
LGSV-313E LIGITEK-LGSV-313E Datasheet
136Kb / 10P
   3W Power Light LED
LGSW-313H LIGITEK-LGSW-313H Datasheet
164Kb / 11P
   3W Power Light LED
LGLR-313E LIGITEK-LGLR-313E Datasheet
191Kb / 12P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com