Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGFLB-311E1-60 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LGFLB-311E1-60
Description  1W Power Light LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGFLB-311E1-60 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LGFLB-311E1-60 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LGFLB-311E1-60 Datasheet HTML 11Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Handling Precaution:
5. Avoid leaving fingerprints or scratches (by sharp tools) on the silicone resin parts.
6. Do not force over 2000gf impact or pressure on the silicone molding lens.
7. The LEDs should only be picked up by making contact with the sides of the LED body.
8. When populating in SMT production, the pick-and-place nozzle must not place excessive pressure on the
silicone molding lens.
1. For prototype builds or small series production runs it possible to place and solder the emitters by hand.
2. Solder tip temperature : 230
° C max for Lead Solder and 260°C max for Lead-Free Solder.
3. Avoiding damage to the emitter or to the MCPCB dielectric layer.Damage to the epoxy layer can cause a
short circuit in the array.
4. Do not let the solder contact from solder pad to back-side of MCPCB.This one will cause a short circuit
and damage emitter.
Place Thermal Comductive Glue on the MCPCB.
MCPCB
Manual Hand Soldering
3.
1.
6/12
Page
Use Soldering Iron to solder the leads
of Emitter within 5 seconds.
Heat Plate
Heat Plate
Solder Wire
4.
Soldering Iron
Place Emitter on the MCPCB.
Thermal Conductive Glue
Emitter
2.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LGFLB-311E1-60

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGFLB-321E-60 LIGITEK-LGFLB-321E-60 Datasheet
242Kb / 13P
   1W Power Light LED
More results

Similar Description - LGFLB-311E1-60

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLY-311E LIGITEK-LGFLY-311E Datasheet
272Kb / 13P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGLV-311E1 LIGITEK-LGLV-311E1 Datasheet
201Kb / 13P
   1W Power Light LED
LGLW-311E1 LIGITEK-LGLW-311E1 Datasheet
203Kb / 13P
   1W Power Light LED
LGSV-311E LIGITEK-LGSV-311E Datasheet
136Kb / 10P
   1W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGSV-311E1-1 LIGITEK-LGSV-311E1-1 Datasheet
248Kb / 13P
   1W Power Light LED
LGSV-311H LIGITEK-LGSV-311H Datasheet
152Kb / 11P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com