Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-7020WKZ-1-T150-PA02 Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LG-7020WKZ-1-T150-PA02
Description  0.7W Power Light LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-7020WKZ-1-T150-PA02 Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LG-7020WKZ-1-T150-PA02 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-7020WKZ-1-T150-PA02 Datasheet HTML 13Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/14
Recommended Profile for Reflow Soldering
Pb -free solder temperature profile
120 Sec. Max.
60 Sec.Max.
Above220°C
1-5°C/Sec.
1-5°C/Sec.
6°C/Sec.
260°C.Max.
10 Sec .Max.
Pre-heating
180-200°C
180-200°C
10 Sec Max
260°C Max
120 Sec Max
Pb -free solder Temperature profile
Pre-heat
Pre-heat time
Peak-Temperature
Soldering time condition
(1) Reflow soldering should not be done more than two times.
(2) When soldering,do not put stress on the LEDs during heating.
(3) After soldering,do not warp the circuit board.
(4) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using the chip mounter,the picking up nozzle that does not affect the
silicone resin should be used.
Hand Soldering Conditions:
Do not exceed 3 seconds at maximum 320°C under soldering iron.(one time only)
PART NO. LG-7020WKZ-1-T150-P-A02


Similar Part No. - LG-7020WKZ-1-T150-PA02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-7020WKZ-2-P-A03 LIGITEK-LG-7020WKZ-2-P-A03 Datasheet
546Kb / 15P
   0.4W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
More results

Similar Description - LG-7020WKZ-1-T150-PA02

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
   0.7W Power Supply using LNK353P
logo
Visual Communications C...
VAOP-EWS-1 VCC-VAOP-EWS-1 Datasheet
1Mb / 9P
   Power Light LED
VAOP-EWS-3 VCC-VAOP-EWS-3 Datasheet
1Mb / 9P
   Power Light LED
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6431 AVAGO-AMMC-6431 Datasheet
307Kb / 9P
   25-33 GHz 0.7W Power Amplifier MMIC
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLY-311E LIGITEK-LGFLY-311E Datasheet
272Kb / 13P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com